Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 50Page - NXP Semiconductors MFRC522 Datasheet HTML 51Page - NXP Semiconductors MFRC522 Datasheet HTML 52Page - NXP Semiconductors MFRC522 Datasheet HTML 53Page - NXP Semiconductors MFRC522 Datasheet HTML 54Page - NXP Semiconductors MFRC522 Datasheet HTML 55Page - NXP Semiconductors MFRC522 Datasheet HTML 56Page - NXP Semiconductors MFRC522 Datasheet HTML 57Page - NXP Semiconductors MFRC522 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
54 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.3 Page 2: Configuration
9.3.3.1
Reserved register 20h
Functionality is reserved for future use.
9.3.3.2
CRCResultReg registers
Shows the MSB and LSB values of the CRC calculation.
Remark: The CRC is split into two 8-bit registers.
Table 85.
Reserved register (address 20h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
-
Access
reserved
Table 86.
Reserved register bit descriptions
Bit
Symbol
Description
7 to 0
reserved
reserved for future use
Table 87.
CRCResultReg (higher bits) register (address 21h); reset value: FFh bit
allocation
Bit
7
6
5
4
3
2
1
0
Symbol
CRCResultMSB[7:0]
Access
R
Table 88.
CRCResultReg register higher bit descriptions
Bit
Symbol
Description
7 to 0
CRCResultMSB
[7:0]
shows the value of the CRCResultReg register’s most significant
byte
only valid if Status1Reg register’s CRCReady bit is set to logic 1
Table 89.
CRCResultReg (lower bits) register (address 22h); reset value: FFh bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
CRCResultLSB[7:0]
Access
R
Table 90.
CRCResultReg register lower bit descriptions
Bit
Symbol
Description
7 to 0
CRCResultLSB
[7:0]
shows the value of the least significant byte of the CRCResultReg
register
only valid if Status1Reg register’s CRCReady bit is set to logic 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com