Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 54Page - NXP Semiconductors MFRC522 Datasheet HTML 55Page - NXP Semiconductors MFRC522 Datasheet HTML 56Page - NXP Semiconductors MFRC522 Datasheet HTML 57Page - NXP Semiconductors MFRC522 Datasheet HTML 58Page - NXP Semiconductors MFRC522 Datasheet HTML 59Page - NXP Semiconductors MFRC522 Datasheet HTML 60Page - NXP Semiconductors MFRC522 Datasheet HTML 61Page - NXP Semiconductors MFRC522 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
58 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.3.11
TReloadReg register
Defines the 16-bit timer reload value.
Table 106. TModeReg register bit descriptions
Bit
Symbol
Value
Description
7
TAuto
1
timer starts automatically at the end of the transmission in all
communication modes at all speeds
if the RxModeReg register’s RxMultiple bit is not set, timer
stops immediately after receiving the first data bit
if the RxMultiple bit is set to logic 1 the timer never stops, in
which case the timer can be stopped by setting the
ControlReg register’s TStopNow bit to logic 1
0
indicates that the timer is not influenced by the protocol
6 to 5
TGated[1:0]
internal timer is running in gated mode
Remark: in gated mode, the Status1Reg register’s TRunning
bit is logic 1 when the timer is enabled by the TModeReg
register bits
this bit does not influence the gating signal
00
non-gated mode
01
gated by pin MFIN
10
gated by pin AUX1
11
-
4
TAutoRestart
1
timer automatically restarts its count-down from the 16-bit
timer reload value instead of counting down to zero
0
timer decrements to 0 and the ComIrqReg register’s
TimerIRq bit is set to logic 1
3 to 0
TPrescaler_Hi
[3:0]
-
defines the higher 4 bits of the TPrescaler value
the following formula is used to calculate ftimer:
where 13.56 is the carrier frequency in MHz; for detailed
description, see Section 8.5 “Timer unit”
Table 107. TPrescalerReg register (address 2Bh); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TPrescaler_Lo[7:0]
Access
R/W
Table 108. TPrescalerReg register bit descriptions
Bit
Symbol
Description
7 to 0
TPrescaler_Lo[7:0] defines the lower 8 bits of the TPrescaler value
the following formula is used to calculate ftimer:
where 13.56 is the carrier frequency in MHz; for detailed
description, see Section 8.5 “Timer unit”
f
timer
13.56
10
6
×
TPrescaler
1
+
---------------------------------------
=
f
timer
13.56
10
6
×
TPrescaler
1
+
---------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com