Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 38Page - NXP Semiconductors MFRC522 Datasheet HTML 39Page - NXP Semiconductors MFRC522 Datasheet HTML 40Page - NXP Semiconductors MFRC522 Datasheet HTML 41Page - NXP Semiconductors MFRC522 Datasheet HTML 42Page - NXP Semiconductors MFRC522 Datasheet HTML 43Page - NXP Semiconductors MFRC522 Datasheet HTML 44Page - NXP Semiconductors MFRC522 Datasheet HTML 45Page - NXP Semiconductors MFRC522 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
42 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.1.10
FIFODataReg register
Input and output of 64 byte FIFO buffer.
9.3.1.11
FIFOLevelReg register
Indicates the number of bytes stored in the FIFO.
9.3.1.12
WaterLevelReg register
Defines the level for FIFO under- and overflow warning.
Table 39.
FIFODataReg register (address 09h); reset value: xxh bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
FIFOData[7:0]
Access
D
Table 40.
FIFODataReg register bit descriptions
Bit
Symbol
Description
7 to 0
FIFOData[7:0] data input and output port for the internal 64-byte FIFO buffer
FIFO buffer acts as parallel in/parallel out converter for all serial data
stream inputs and outputs
Table 41.
FIFOLevelReg register (address 0Ah); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
FlushBuffer
FIFOLevel[6:0]
Access
W
R
Table 42.
FIFOLevelReg register bit descriptions
Bit
Symbol
Value Description
7
FlushBuffer 1
immediately clears the internal FIFO buffer’s read and write pointer
and ErrorReg register’s BufferOvfl bit
reading this bit always returns 0
6 to 0 FIFOLevel
[6:0]
-
indicates the number of bytes stored in the FIFO buffer
writing to the FIFODataReg register increments and reading
decrements the FIFOLevel value
Table 43.
WaterLevelReg register (address 0Bh); reset value: 08h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
WaterLevel[5:0]
Access
-
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com