Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 84Page - NXP Semiconductors MFRC522 Datasheet HTML 85Page - NXP Semiconductors MFRC522 Datasheet HTML 86Page - NXP Semiconductors MFRC522 Datasheet HTML 87Page - NXP Semiconductors MFRC522 Datasheet HTML 88Page - NXP Semiconductors MFRC522 Datasheet HTML 89Page - NXP Semiconductors MFRC522 Datasheet HTML 90Page - NXP Semiconductors MFRC522 Datasheet HTML 91Page - NXP Semiconductors MFRC522 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
88 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
22. Revision history
Table 160. Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
MFRC522_33
20091026
Product data sheet
-
112132
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• General re-wording of MIFARE designation and commercial conditions.
• Table 106 “TModeReg register bit descriptions” and Table 108 “TPrescalerReg register bit
descriptions”: changed value "fTimer = 13.56 MHz / (TPreScaler + 1)"
• Graphics: updated to latest standard
• Descriptive text: updated
• Register and bit names: updated
• Register tables: presentation updated
• Parameter symbols: updated
• Section 9 “MFRC522 registers” now follows Section 8 “Functional description”
• Section 16 “Test information” added, incorporating Section 16.1 “Test signals”
112132
May 2007
Product data sheet
200705005F
112131
112131
September 2006
Product data sheet
-
112130
112130
December 2005
Product data sheet
PUBLIC
-
112121
112121
September 2005
Product data sheet
-
112120
112120
July 2005
Preliminary data sheet
-
112110
112110
July 2005
Objective data sheet
-
112104
112104
November 2004
Objective data sheet
-
112103
112103
October 2004
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com