Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 23Page - NXP Semiconductors MFRC522 Datasheet HTML 24Page - NXP Semiconductors MFRC522 Datasheet HTML 25Page - NXP Semiconductors MFRC522 Datasheet HTML 26Page - NXP Semiconductors MFRC522 Datasheet HTML 27Page - NXP Semiconductors MFRC522 Datasheet HTML 28Page - NXP Semiconductors MFRC522 Datasheet HTML 29Page - NXP Semiconductors MFRC522 Datasheet HTML 30Page - NXP Semiconductors MFRC522 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
27 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.2.5 CRC coprocessor
The following CRC coprocessor parameters can be configured:
• The CRC preset value can be either 0000h, 6363h, A671h or FFFFh depending on
the ModeReg register’s CRCPreset[1:0] bits setting
• The CRC polynomial for the 16-bit CRC is fixed to x16 +x12 +x5 +1
• The CRCResultReg register indicates the result of the CRC calculation. This register
is split into two 8-bit registers representing the higher and lower bytes.
• The ModeReg register’s MSBFirst bit indicates that data will be loaded with the MSB
first.
8.3 FIFO buffer
An 8
× 64 bit FIFO buffer is used in the MFRC522. It buffers the input and output data
stream between the host and the MFRC522’s internal state machine. This makes it
possible to manage data streams up to 64 bytes long without the need to take timing
constraints into account.
8.3.1 Accessing the FIFO buffer
The FIFO buffer input and output data bus is connected to the FIFODataReg register.
Writing to this register stores one byte in the FIFO buffer and increments the internal FIFO
buffer write pointer. Reading from this register shows the FIFO buffer contents stored in
the FIFO buffer read pointer and decrements the FIFO buffer read pointer. The distance
between the write and read pointer can be obtained by reading the FIFOLevelReg
register.
When the microcontroller starts a command, the MFRC522 can, while the command is in
progress, access the FIFO buffer according to that command. Only one FIFO buffer has
been implemented which can be used for input and output. The microcontroller must
ensure that there are not any unintentional FIFO buffer accesses.
8.3.2 Controlling the FIFO buffer
The FIFO buffer pointers can be reset by setting FIFOLevelReg register’s FlushBuffer bit
to logic 1. Consequently, the FIFOLevel[6:0] bits are all set to logic 0 and the ErrorReg
register’s BufferOvfl bit is cleared. The bytes stored in the FIFO buffer are no longer
accessible allowing the FIFO buffer to be filled with another 64 bytes.
8.3.3 FIFO buffer status information
The host can get the following FIFO buffer status information:
• Number of bytes stored in the FIFO buffer: FIFOLevelReg register’s FIFOLevel[6:0]
• FIFO buffer almost full warning: Status1Reg register’s HiAlert bit
Table 17.
CRC coprocessor parameters
Parameter
Value
CRC register length
16-bit CRC
CRC algorithm
algorithm according to ISO/IEC 14443 A and ITU-T
CRC preset value
0000h, 6363h, A671h or FFFFh depending on the setting of the
ModeReg register’s CRCPreset[1:0] bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com