Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 39Page - NXP Semiconductors MFRC522 Datasheet HTML 40Page - NXP Semiconductors MFRC522 Datasheet HTML 41Page - NXP Semiconductors MFRC522 Datasheet HTML 42Page - NXP Semiconductors MFRC522 Datasheet HTML 43Page - NXP Semiconductors MFRC522 Datasheet HTML 44Page - NXP Semiconductors MFRC522 Datasheet HTML 45Page - NXP Semiconductors MFRC522 Datasheet HTML 46Page - NXP Semiconductors MFRC522 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
43 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.1.13
ControlReg register
Miscellaneous control bits.
Table 44.
WaterLevelReg register bit descriptions
Bit
Symbol
Description
7 to 6
reserved
reserved for future use
5 to 0
WaterLevel
[5:0]
defines a warning level to indicate a FIFO buffer overflow or underflow:
Status1Reg register’s HiAlert bit is set to logic 1 if the remaining
number of bytes in the FIFO buffer space is equal to, or less than the
defined number of WaterLevel bytes
Status1Reg register’s LoAlert bit is set to logic 1 if equal to, or less
than the WaterLevel bytes in the FIFO buffer
Remark: to calculate values for HiAlert and LoAlert see
Section 9.3.1.8 on page 40.
Table 45.
ControlReg register (address 0Ch); reset value: 10h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TStopNow TStartNow
reserved
RxLastBits[2:0]
Access
W
W
-
R
Table 46.
ControlReg register bit descriptions
Bit
Symbol
Value Description
7
TStopNow
1
timer stops immediately
reading this bit always returns it to 0
6
TStartNow
1
timer starts immediately
reading this bit always returns it to 0
5 to 3
reserved
-
reserved for future use
2 to 0
RxLastBits[2:0]
-
indicates the number of valid bits in the last received byte
if this value is zero, the whole byte is valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com