Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 88Page - NXP Semiconductors MFRC522 Datasheet HTML 89Page - NXP Semiconductors MFRC522 Datasheet HTML 90Page - NXP Semiconductors MFRC522 Datasheet HTML 91Page - NXP Semiconductors MFRC522 Datasheet HTML 92Page - NXP Semiconductors MFRC522 Datasheet HTML 93Page - NXP Semiconductors MFRC522 Datasheet HTML 94Page - NXP Semiconductors MFRC522 Datasheet HTML 95Page - NXP Semiconductors MFRC522 Datasheet HTML 96Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
93 of 96
continued >>
NXP Semiconductors
MFRC522
Contactless reader IC
Table 135.TestDAC1Reg register (address 39h);
reset value: xxh bit allocation . . . . . . . . . . . . . .65
Table 136.TestDAC1Reg register bit descriptions . . . . . .65
Table 137.TestDAC2Reg register (address 3Ah);
reset value: xxh bit allocation . . . . . . . . . . . . . .65
Table 138.TestDAC2Reg register bit descriptions . . . . . .65
Table 139.TestADCReg register (address 3Bh);
reset value: xxh bit allocation . . . . . . . . . . . . . .65
Table 140.TestADCReg register bit descriptions . . . . . . .65
Table 141.Reserved register (address 3Ch); reset value:
FFh bit allocation . . . . . . . . . . . . . . . . . . . . . . .66
Table 142.Reserved register bit descriptions . . . . . . . . . .66
Table 143.Reserved register (address 3Dh); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . .66
Table 144.Reserved register bit descriptions . . . . . . . . . .66
Table 145.Reserved register (address 3Eh); reset value:
03h bit allocation . . . . . . . . . . . . . . . . . . . . . . .66
Table 146.Reserved register bit descriptions . . . . . . . . . .66
Table 147.Reserved register (address 3Fh); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . .66
Table 148.Reserved register bit descriptions . . . . . . . . . .66
Table 149.Command overview . . . . . . . . . . . . . . . . . . . . .67
Table 150.Limiting values . . . . . . . . . . . . . . . . . . . . . . . . .71
Table 151.Operating conditions . . . . . . . . . . . . . . . . . . . .71
Table 152.Thermal characteristics . . . . . . . . . . . . . . . . . .71
Table 153.Characteristics . . . . . . . . . . . . . . . . . . . . . . . . .72
Table 154.SPI timing characteristics . . . . . . . . . . . . . . . .75
Table 155.I2C-bus timing in Fast mode . . . . . . . . . . . . . . .76
Table 156.Test bus signals: TestBusSel[4:0] = 07h . . . . .80
Table 157.Test bus signals: TestBusSel[4:0] = 0Dh . . . . .80
Table 158.Test signal descriptions . . . . . . . . . . . . . . . . . .80
Table 159.Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . .87
Table 160.Revision history . . . . . . . . . . . . . . . . . . . . . . . .88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com