Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 64Page - NXP Semiconductors MFRC522 Datasheet HTML 65Page - NXP Semiconductors MFRC522 Datasheet HTML 66Page - NXP Semiconductors MFRC522 Datasheet HTML 67Page - NXP Semiconductors MFRC522 Datasheet HTML 68Page - NXP Semiconductors MFRC522 Datasheet HTML 69Page - NXP Semiconductors MFRC522 Datasheet HTML 70Page - NXP Semiconductors MFRC522 Datasheet HTML 71Page - NXP Semiconductors MFRC522 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
68 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
10.3.1 MFRC522 command descriptions
10.3.1.1
Idle
Places the MFRC522 in Idle mode. The Idle command also terminates itself.
10.3.1.2
Mem
Transfers 25 bytes from the FIFO buffer to the internal buffer.
To read out the 25 bytes from the internal buffer the Mem command must be started with
an empty FIFO buffer. In this case, the 25 bytes are transferred from the internal buffer to
the FIFO.
During a hard power-down (using pin NRSTPD), the 25 bytes in the internal buffer remain
unchanged and are only lost if the power supply is removed from the MFRC522.
This command automatically terminates when finished and the Idle command becomes
active.
10.3.1.3
Generate RandomID
This command generates a 10-byte random number which is initially stored in the internal
buffer. This then overwrites the 10 bytes in the internal 25-byte buffer. This command
automatically terminates when finished and the MFRC522 returns to Idle mode.
10.3.1.4
CalcCRC
The FIFO buffer content is transferred to the CRC coprocessor and the CRC calculation is
started. The calculation result is stored in the CRCResultReg register. The CRC
calculation is not limited to a dedicated number of bytes. The calculation is not stopped
when the FIFO buffer is empty during the data stream. The next byte written to the FIFO
buffer is added to the calculation.
The CRC preset value is controlled by the ModeReg register’s CRCPreset[1:0] bits. The
value is loaded in to the CRC coprocessor when the command starts.
This command must be terminated by writing a command to the CommandReg register,
such as, the Idle command.
If the AutoTestReg register’s SelfTest[3:0] bits are set correctly, the MFRC522 enters Self
Test mode. Starting the CalcCRC command initiates a digital self test. The result of the
self test is written to the FIFO buffer.
10.3.1.5
Transmit
The FIFO buffer content is immediately transmitted after starting this command. Before
transmitting the FIFO buffer content, all relevant registers must be set for data
transmission.
This command automatically terminates when the FIFO buffer is empty. It can be
terminated by another command written to the CommandReg register.
10.3.1.6
NoCmdChange
This command does not influence any running command in the CommandReg register. It
can be used to manipulate any bit except the CommandReg register Command[3:0] bits,
for example, the RcvOff bit or the PowerDown bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com