Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 2 Page - NXP Semiconductors

  MFRC522 Datasheet HTML 1Page - NXP Semiconductors MFRC522 Datasheet HTML 2Page - NXP Semiconductors MFRC522 Datasheet HTML 3Page - NXP Semiconductors MFRC522 Datasheet HTML 4Page - NXP Semiconductors MFRC522 Datasheet HTML 5Page - NXP Semiconductors MFRC522 Datasheet HTML 6Page - NXP Semiconductors MFRC522 Datasheet HTML 7Page - NXP Semiconductors MFRC522 Datasheet HTML 8Page - NXP Semiconductors MFRC522 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
2 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
N SPI up to 10 Mbit/s
N I2C-bus interface up to 400 kBd in Fast mode, up to 3400 kBd in High-speed mode
N RS232 Serial UART up to 1228.8 kBd, with voltage levels dependant on pin voltage
supply
I FIFO buffer handles 64 byte send and receive
I Flexible interrupt modes
I Hard reset with low power function
I Power-down by software mode
I Programmable timer
I Internal oscillator for connection to 27.12 MHz quartz crystal
I 2.5 V to 3.3 V power supply
I CRC coprocessor
I Programmable I/O pins
I Internal self-test
4.
Quick reference data
[1]
Supply voltages below 3 V reduce the performance in, for example, the achievable operating distance.
[2]
VDDA, VDDD and VDD(TVDD) must always be the same voltage.
[3]
VDD(PVDD) must always be the same or lower voltage than VDDD.
[4]
Ipd is the total current for all supplies.
[5]
IDD(PVDD) depends on the overall load at the digital pins.
[6]
IDD(TVDD) depends on VDD(TVDD) and the external circuit connected to pins TX1 and TX2.
[7]
During typical circuit operation, the overall current is below 100 mA.
[8]
Typical value using a complementary driver configuration and an antenna matched to 40
Ω between pins TX1 and TX2 at 13.56 MHz.
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
analog supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[1][2] 2.5
3.3
3.6
V
VDDD
digital supply voltage
2.5
3.3
3.6
V
VDD(TVDD) TVDD supply voltage
2.5
3.3
3.6
V
VDD(PVDD) PVDD supply voltage
[3] 1.6
1.8
3.6
V
VDD(SVDD) SVDD supply voltage
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) = 0 V
1.6
-
3.6
V
Ipd
power-down current
VDDA =VDDD = VDD(TVDD) =VDD(PVDD) =3V
hard power-down; pin NRSTPD set LOW
[4] --5
µA
soft power-down; RF level detector on
[4] --10
µA
IDDD
digital supply current
pin DVDD; VDDD = 3 V
-
6.5
9
mA
IDDA
analog supply current
pin AVDD; VDDA = 3 V, CommandReg register’s
RcvOff bit = 0
-
7
10
mA
pin AVDD; receiver switched off; VDDA =3V,
CommandReg register’s RcvOff bit = 1
-3
5
mA
IDD(PVDD)
PVDD supply current
pin PVDD
[5] -
-
40
mA
IDD(TVDD)
TVDD supply current
pin TVDD; continuous wave
[6][7][8] -
60
100
mA
Tamb
ambient temperature
HVQFN32
−25
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com