Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 5 Page - NXP Semiconductors

  MFRC522 Datasheet HTML 1Page - NXP Semiconductors MFRC522 Datasheet HTML 2Page - NXP Semiconductors MFRC522 Datasheet HTML 3Page - NXP Semiconductors MFRC522 Datasheet HTML 4Page - NXP Semiconductors MFRC522 Datasheet HTML 5Page - NXP Semiconductors MFRC522 Datasheet HTML 6Page - NXP Semiconductors MFRC522 Datasheet HTML 7Page - NXP Semiconductors MFRC522 Datasheet HTML 8Page - NXP Semiconductors MFRC522 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
5 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
7.
Pinning information
7.1 Pin description
Fig 3.
Pinning configuration HVQFN32 (SOT617-1)
001aaj819
MFRC522
Transparent top view
RX
MFIN
MFOUT
AVSS
NRSTPD
AUX1
PVSS
AUX2
DVSS
OSCIN
DVDD
OSCOUT
PVDD
IRQ
I2C
SDA/NSS/RX
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
Table 3.
Pin description
Pin
Symbol
Type[1] Description
1
I2C
I
I2C-bus enable input[2]
2
PVDD
P
pin power supply
3
DVDD
P
digital power supply
4
DVSS
G
digital ground[3]
5
PVSS
G
pin power supply ground
6
NRSTPD
I
reset and power-down input:
power-down: enabled when LOW; internal current sinks are switched off, the oscillator
is inhibited and the input pins are disconnected from the outside world
reset: enabled by a positive edge
7
MFIN
I
MIFARE signal input
8
MFOUT
O
MIFARE signal output
9
SVDD
P
MFIN and MFOUT pin power supply
10
TVSS
G
transmitter output stage 1 ground
11
TX1
O
transmitter 1 modulated 13.56 MHz energy carrier output
12
TVDD
P
transmitter power supply: supplies the output stage of transmitters 1 and 2
13
TX2
O
transmitter 2 modulated 13.56 MHz energy carrier output
14
TVSS
G
transmitter output stage 2 ground
15
AVDD
P
analog power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com