Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 46Page - NXP Semiconductors MFRC522 Datasheet HTML 47Page - NXP Semiconductors MFRC522 Datasheet HTML 48Page - NXP Semiconductors MFRC522 Datasheet HTML 49Page - NXP Semiconductors MFRC522 Datasheet HTML 50Page - NXP Semiconductors MFRC522 Datasheet HTML 51Page - NXP Semiconductors MFRC522 Datasheet HTML 52Page - NXP Semiconductors MFRC522 Datasheet HTML 53Page - NXP Semiconductors MFRC522 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
50 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.2.8
RxSelReg register
Selects internal receiver settings.
3 to 0
MFOutSel
[3:0]
selects the input for pin MFOUT
0000
3-state
0001
LOW
0010
HIGH
0011
test bus signal as defined by the TestSel1Reg register’s
TstBusBitSel[2:0] value
0100
modulation signal (envelope) from the internal encoder, Miller
pulse encoded
0101
serial data stream to be transmitted, data stream before Miller
encoder
0110
reserved
0111
serial data stream received, data stream after Manchester
decoder
1000 to
1111
reserved
Table 66.
TxSelReg register bit descriptions …continued
Bit
Symbol
Value
Description
Table 67.
RxSelReg register (address 17h); reset value: 84h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
UARTSel[1:0]
RxWait[5:0]
Access
R/W
R/W
Table 68.
RxSelReg register bit descriptions
Bit
Symbol
Value
Description
7 to 6
UARTSel
[1:0]
selects the input of the contactless UART
00
constant LOW
01
Manchester with subcarrier from pin MFIN
10
modulated signal from the internal analog module, default
11
NRZ coding without subcarrier from pin MFIN which is only valid
for transfer speeds above 106 kBd
5 to 0
RxWait
[5:0]
-
after data transmission the activation of the receiver is delayed for
RxWait bit-clocks, during this ‘frame guard time’ any signal on pin RX
is ignored
this parameter is ignored by the Receive command
all other commands, such as Transceive, MFAuthent use this
parameter
the counter starts immediately after the external RF field is switched
on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com