Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 3Page - NXP Semiconductors MFRC522 Datasheet HTML 4Page - NXP Semiconductors MFRC522 Datasheet HTML 5Page - NXP Semiconductors MFRC522 Datasheet HTML 6Page - NXP Semiconductors MFRC522 Datasheet HTML 7Page - NXP Semiconductors MFRC522 Datasheet HTML 8Page - NXP Semiconductors MFRC522 Datasheet HTML 9Page - NXP Semiconductors MFRC522 Datasheet HTML 10Page - NXP Semiconductors MFRC522 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
7 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.
Functional description
The MFRC522 transmission module supports the Read/Write mode for
ISO/IEC 14443 A/MIFARE using various transfer speeds and modulation protocols.
The physical level communication is shown in Figure 5.
The physical parameters are described in Table 4.
The MFRC522’s contactless UART and dedicated external host must manage the
complete ISO/IEC 14443 A/MIFARE protocol. Figure 6 shows the data coding and
framing according to ISO/IEC 14443 A/MIFARE.
Fig 4.
MFRC522 Read/Write mode
(1) Reader to card 100 % ASK, Miller encoded, transfer speed 106 kBd to 848 kBd.
(2) Card to reader subcarrier load modulation, Manchester encoded or BPSK, transfer speed 106 kBd
to 848 kBd.
Fig 5.
ISO/IEC 14443 A/MIFARE Read/Write mode communication diagram
001aak583
BATTERY
reader/writer
contactless card
MICROCONTROLLER
MFRC522
ISO/IEC 14443 A CARD
(1)
(2)
001aak584
MFRC522
ISO/IEC 14443 A CARD
ISO/IEC 14443 A
READER
Table 4.
Communication overview for ISO/IEC 14443 A/MIFARE reader/writer
Communication
direction
Signal type
Transfer speed
106 kBd
212 kBd
424 kBd
848 kBd
Reader to card (send
data from the
MFRC522 to a card)
reader side
modulation
100 % ASK
100 % ASK
100 % ASK
100 % ASK
bit encoding
modified Miller
encoding
modified Miller
encoding
modified Miller
encoding
modified Miller
encoding
bit length
128 (13.56
µs)
64 (13.56
µs)
32 (13.56
µs)
16 (13.56
µs)
Card to reader
(MFRC522 receives
data from a card)
card side
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier
frequency
13.56 MHz/16
13.56 MHz/16
13.56 MHz/16
13.56 MHz/16
bit encoding
Manchester
encoding
BPSK
BPSK
BPSK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com