Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 52Page - NXP Semiconductors MFRC522 Datasheet HTML 53Page - NXP Semiconductors MFRC522 Datasheet HTML 54Page - NXP Semiconductors MFRC522 Datasheet HTML 55Page - NXP Semiconductors MFRC522 Datasheet HTML 56Page - NXP Semiconductors MFRC522 Datasheet HTML 57Page - NXP Semiconductors MFRC522 Datasheet HTML 58Page - NXP Semiconductors MFRC522 Datasheet HTML 59Page - NXP Semiconductors MFRC522 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
56 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.3.6
RFCfgReg register
Configures the receiver gain.
9.3.3.7
GsNReg register
Defines the conductance of the antenna driver pins TX1 and TX2 for the n-driver when the
driver is switched on.
Table 97.
RFCfgReg register (address 26h); reset value: 48h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
RxGain[2:0]
reserved
Access
-
R/W
-
Table 98.
RFCfgReg register bit descriptions
Bit
Symbol
Value
Description
7
reserved
-
reserved for future use
6 to 4
RxGain
[2:0]
defines the receiver’s signal voltage gain factor:
000
18 dB
001
23 dB
010
18 dB
011
23 dB
100
33 dB
101
38 dB
110
43 dB
111
48 dB
3 to 0
reserved
-
reserved for future use
Table 99.
GsNReg register (address 27h); reset value: 88h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
CWGsN[3:0]
ModGsN[3:0]
Access
R/W
R/W
Table 100. GsNReg register bit descriptions
Bit
Symbol
Description
7 to 4
CWGsN
[3:0]
defines the conductance of the output n-driver during periods without
modulation which can be used to regulate the output power and
subsequently current consumption and operating distance
Remark: the conductance value is binary-weighted
during soft Power-down mode the highest bit is forced to logic 1
value is only used if driver TX1 or TX2 is switched on
3 to 0
ModGsN
[3:0]
defines the conductance of the output n-driver during periods without
modulation which can be used to regulate the modulation index
Remark: the conductance value is binary weighted
during soft Power-down mode the highest bit is forced to logic 1
value is only used if driver TX1 or TX2 is switched on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com