Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 53Page - NXP Semiconductors MFRC522 Datasheet HTML 54Page - NXP Semiconductors MFRC522 Datasheet HTML 55Page - NXP Semiconductors MFRC522 Datasheet HTML 56Page - NXP Semiconductors MFRC522 Datasheet HTML 57Page - NXP Semiconductors MFRC522 Datasheet HTML 58Page - NXP Semiconductors MFRC522 Datasheet HTML 59Page - NXP Semiconductors MFRC522 Datasheet HTML 60Page - NXP Semiconductors MFRC522 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
57 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.3.8
CWGsPReg register
Defines the conductance of the p-driver output during periods of no modulation.
9.3.3.9
ModGsPReg register
Defines the conductance of the p-driver output during modulation.
9.3.3.10
TModeReg and TPrescalerReg registers
These registers define the timer settings.
Remark: The TPrescaler setting higher 4 bits are in the TModeReg register and the lower
8 bits are in the TPrescalerReg register.
Table 101. CWGsPReg register (address 28h); reset value: 20h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
CWGsP[5:0]
Access
-
R/W
Table 102. CWGsPReg register bit descriptions
Bit
Symbol
Description
7 to 6
reserved
reserved for future use
5 to 0
CWGsP[5:0]
defines the conductance of the p-driver output which can be used to
regulate the output power and subsequently current consumption and
operating distance
Remark: the conductance value is binary weighted
during soft Power-down mode the highest bit is forced to logic 1
Table 103. ModGsPReg register (address 29h); reset value: 20h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
ModGsP[5:0]
Access
-
R/W
Table 104. ModGsPReg register bit descriptions
Bit
Symbol
Description
7 to 6
reserved
reserved for future use
5 to 0
ModGsP[5:0]
defines the conductance of the p-driver output during modulation
which can be used to regulate the modulation index
Remark: the conductance value is binary weighted
during soft Power-down mode the highest bit is forced to logic 1
if the TxASKReg register’s Force100ASK bit is set to logic 1 the value
of ModGsP has no effect
Table 105. TModeReg register (address 2Ah); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TAuto
TGated[1:0]
TAutoRestart
TPrescaler_Hi[3:0]
Access
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com