Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 8Page - NXP Semiconductors MFRC522 Datasheet HTML 9Page - NXP Semiconductors MFRC522 Datasheet HTML 10Page - NXP Semiconductors MFRC522 Datasheet HTML 11Page - NXP Semiconductors MFRC522 Datasheet HTML 12Page - NXP Semiconductors MFRC522 Datasheet HTML 13Page - NXP Semiconductors MFRC522 Datasheet HTML 14Page - NXP Semiconductors MFRC522 Datasheet HTML 15Page - NXP Semiconductors MFRC522 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
12 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.3.3
UART framing
Remark: The LSB for data and address bytes must be sent first. No parity bit is used
during transmission.
Read data: To read data using the UART interface, the flow shown in Table 12 must be
used. The first byte sent defines both the mode and the address.
Write data: To write data to the MFRC522 using the UART interface, the structure shown
in Table 13 must be used.
The first byte sent defines both the mode and the address.
Table 11.
UART framing
Bit
Length
Value
Start
1-bit
0
Data
8 bits
data
Stop
1-bit
1
Table 12.
Read data byte order
Pin
Byte 0
Byte 1
RX (pin 24)
address
-
TX (pin 31)
-
data 0
(1) Reserved.
Fig 9.
UART read data timing diagram
001aak588
SA
ADDRESS
RX
TX
MX
DTRQ
A0
A1
A2
A3
A4
A5
(1)
SO
SA
D0
D1
D2
D3
D4
D5
D6
D7
SO
DATA
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com