Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 98Page - Renesas Technology Corp R32C152 Datasheet HTML 99Page - Renesas Technology Corp R32C152 Datasheet HTML 100Page - Renesas Technology Corp R32C152 Datasheet HTML 101Page - Renesas Technology Corp R32C152 Datasheet HTML 102Page - Renesas Technology Corp R32C152 Datasheet HTML 103Page - Renesas Technology Corp R32C152 Datasheet HTML 104Page - Renesas Technology Corp R32C152 Datasheet HTML 105Page - Renesas Technology Corp R32C152 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 102 of 130
R32C/152 Group
5. Electrical Characteristics
Notes:
1.
This value is applicable only when the main clock oscillation is stable.
2.
This value is the time until the PLF1 bit in the PLS register becomes 1.
Table 5.11
Electrical Characteristics of Voltage Regulator for Internal Logic
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
VVDC1
Output voltage
1.5
V
Table 5.12
Electrical Characteristics of Low Voltage Detector
(VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
ΔVdet
Detected voltage error
±0.2
V
Vdet(R)-Vdet(F) Hysteresis width
0
V
—
Self-consuming current
VCC = 5.0 V, low voltage
detector enabled
4µA
td(E-A)
Operation start time of low voltage detector
150
µs
Table 5.13
Electrical Characteristics of Oscillator
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
fSO(PLL)
PLL clock self-oscillation frequency
35
50
65
MHz
tLOCK(PLL) PLL lock time (1, 2)
f(XRef) =4MHz
1ms
tjitter(p-p)
PLL jitter period (p-p)
2.0
ns
f(OCO)
On-chip oscillator frequency
94
125
156
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com