Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 99Page - Renesas Technology Corp R32C152 Datasheet HTML 100Page - Renesas Technology Corp R32C152 Datasheet HTML 101Page - Renesas Technology Corp R32C152 Datasheet HTML 102Page - Renesas Technology Corp R32C152 Datasheet HTML 103Page - Renesas Technology Corp R32C152 Datasheet HTML 104Page - Renesas Technology Corp R32C152 Datasheet HTML 105Page - Renesas Technology Corp R32C152 Datasheet HTML 106Page - Renesas Technology Corp R32C152 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 103 of 130
R32C/152 Group
5. Electrical Characteristics
Note:
1.
This recovery time does not include the period until the main clock oscillator is stabilized. The CPU
starts operating before the oscillator is stabilized.
Figure 5.4
Clock Circuit Timing
Table 5.14
Electrical Characteristics of Clock Circuitry
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
trec(WAIT) Recovery time from wait mode to low power mode
225
µs
trec(STOP) Recovery time from stop mode (1)
225
µs
t rec(STOP)
Interrupt for exiting
stop mode
CPU clock
Main clock oscillator
output
On-chip oscillator
output
Sub clock oscillator
output
On-chip oscillator
output
t rec(WAIT)
Interrupt for exiting
wait mode
CPU clock
Recovery time from stop mode
t rec(STOP)
Recovery time from wait mode
to low power mode
t rec(WAIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com