Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 102Page - Renesas Technology Corp R32C152 Datasheet HTML 103Page - Renesas Technology Corp R32C152 Datasheet HTML 104Page - Renesas Technology Corp R32C152 Datasheet HTML 105Page - Renesas Technology Corp R32C152 Datasheet HTML 106Page - Renesas Technology Corp R32C152 Datasheet HTML 107Page - Renesas Technology Corp R32C152 Datasheet HTML 108Page - Renesas Technology Corp R32C152 Datasheet HTML 109Page - Renesas Technology Corp R32C152 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 106 of 130
R32C/152 Group
5. Electrical Characteristics
VCC =5V
Table 5.17
Electrical Characteristics (2/3) (VCC = 4.2 to 5.5 V, VSS =0V, Ta =Topr, and
f(CPU) = 64 MHz, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min. Typ. Max.
VT+ - VT- Hysteresis NMI, INT0 to INT8, KI0 to KI3,
TA0IN to TA4IN, TA0OUT to TA4OUT,
TB0IN to TB5IN,
CTS0 to CTS4,
CLK0 to CLK4, RXD0 to RXD4,
SCL0 to SCL2, SDA0 to SDA2,
SS0 to SS2,
SRXD0toSRXD2,
ADTRG,
IIO0_0 to IIO0_7, IIO1_0 to IIO1_7,
IIO2_0 to IIO2_7, IIO3_0 to IIO3_7, UD0A,
UD0B, UD1A, UD1B,
SCS0 to SCS2,
SSCK0 to SSCK2, SSI0 to SSI2,
SSO0 to SSO2, LIN0_0IN to LIN0_3IN,
LIN1_0IN to LIN1_3IN, CAN0IN to CAN2IN,
CAN0WU to CAN2WU
0.2
1.0
V
RESET
0.2
1.8
V
IIH
High level
input
current
XIN,
RESET, CNVSS, NSD,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0toP11_4, P12_0toP12_7,
P13_0 to P13_7, P14_1, P14_3 to P14_6,
P15_0toP15_7
VI = 5 V
1.0
µA
IIL
Low level
input
current
XIN,
RESET, CNVSS, NSD,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0toP11_4, P12_0toP12_7,
P13_0 to P13_7, P14_1, P14_3 to P14_6,
P15_0toP15_7
VI = 0 V
-1.0 µA
RPULLUP Pull-up
resistor
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,
P10_0toP10_7, P11_0toP11_4,
P12_0 to P12_7, P13_0 to P13_7, P14_1,
P14_3 to P14_6, P15_0 to P15_7
VI = 0 V
30
50
170 k
Ω
RfXIN
Feedback
resistor
XIN
1.5
M
Ω
RfXCIN
Feedback
resistor
XCIN
15
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com