Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 100Page - Renesas Technology Corp R32C152 Datasheet HTML 101Page - Renesas Technology Corp R32C152 Datasheet HTML 102Page - Renesas Technology Corp R32C152 Datasheet HTML 103Page - Renesas Technology Corp R32C152 Datasheet HTML 104Page - Renesas Technology Corp R32C152 Datasheet HTML 105Page - Renesas Technology Corp R32C152 Datasheet HTML 106Page - Renesas Technology Corp R32C152 Datasheet HTML 107Page - Renesas Technology Corp R32C152 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 104 of 130
R32C/152 Group
5. Electrical Characteristics
Timing Requirements (VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Figure 5.5
Flash Memory CPU Rewrite Mode Timing
Table 5.15
Flash Memory CPU Rewrite Mode Timing
Symbol
Characteristics
Value
Unit
Min.
Max.
tcR
Read cycle time
200
ns
tsu(S-R)
Chip-select setup time for read
200
ns
th(R-S)
Chip-select hold time after read
0ns
tsu(A-R)
Address setup time for read
200
ns
th(R-A)
Address hold time after read
0ns
tw(R)
Read pulse width
100
ns
tcW
Write cycle time
200
ns
tsu(S-W)
Chip-select setup time for write
0ns
th(W-S)
Chip-select hold time after write
30
ns
tsu(A-W)
Address setup time for write
0ns
th(W-A)
Address hold time after write
30
ns
tw(W)
Write pulse width
50
ns
CS0
A23 to A0, BC0 to BC3
RD
t h(R-S)
Read cycle
t w(R)
t su(S-R)
t h(R-A)
t su(A-R)
Write cycle
CS0 to CS3
A23 to A0, BC0 to BC3
WR
t h(W-S)
t w(W)
t su(S-W)
t h(W-A)
t su(A-W)
t cW
t cR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com