Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 141 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 137Page - ATMEL Corporation ATtiny43U Datasheet HTML 138Page - ATMEL Corporation ATtiny43U Datasheet HTML 139Page - ATMEL Corporation ATtiny43U Datasheet HTML 140Page - ATMEL Corporation ATtiny43U Datasheet HTML 141Page - ATMEL Corporation ATtiny43U Datasheet HTML 142Page - ATMEL Corporation ATtiny43U Datasheet HTML 143Page - ATMEL Corporation ATtiny43U Datasheet HTML 144Page - ATMEL Corporation ATtiny43U Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 182 page
background image
141
8048B–AVR–03/09
Notes:
1. See “Power Management and Sleep Modes” on page 31 for details.
2. The default value of SUT1..0 results in maximum start-up time for the default clock source.
See Table 6-5 on page 26 for details.
3. The default setting of CKSEL3..0 results in internal RC Oscillator @ 8.0 MHz. See Table 6-4
on page 25 for details.
Note that fuse bits are locked if Lock Bit 1 (LB1) is programmed. Fuse bits should be pro-
grammed before lock bits. The status of fuse bits is not affected by chip erase.
Fuse bits can also be read by device firmware. See section “Reading the Fuse and Lock Bits
from Software” on page 135.
19.2.1
Latching of Fuses
Fuse values are latched when the device enters programming mode and changes to fuse values
have no effect until the part leaves programming mode. This does not apply to the EESAVE
Fuse which will take effect once it is programmed. Fuses are also latched on power-up.
19.3
Device Signature Imprint Table
The device signature imprint table is a dedicated memory area used for storing miscellaneous
device information, such as the device signature and oscillator calibaration data. Most of this
memory segment is reserved for internal use, as outlined in Table 19-6.
Notes:
1. See section “Signature Bytes” for more information.
2. See section “Calibration Byte” for more information.
Table 19-5.
Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value
CKDIV8(1)
7
Divide clock by 8
0 (programmed)
CKOUT
6
Clock Output Enable
1 (unprogrammed)
SUT1
5
Select start-up time
1 (unprogrammed)(2)
SUT0
4
Select start-up time
0 (programmed)(2)
CKSEL3
3
Select Clock source
0 (programmed)(3)
CKSEL2
2
Select Clock source
0 (programmed)(3)
CKSEL1
1
Select Clock source
1 (unprogrammed)(3)
CKSEL0
0
Select Clock source
0 (programmed)(3)
Table 19-6.
Contents of Device Signature Imprint Table.
Address
High Byte
0x00
Signature byte 0 (1)
0x01
Calibration data for internal oscillator (2)
0x02
Signature byte 1 (1)
0x03
Reserved for internal use
0x04
Signature byte 2 (1)
0x05 ... 0x2A
Reserved for internal use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com