Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 142 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 138Page - ATMEL Corporation ATtiny43U Datasheet HTML 139Page - ATMEL Corporation ATtiny43U Datasheet HTML 140Page - ATMEL Corporation ATtiny43U Datasheet HTML 141Page - ATMEL Corporation ATtiny43U Datasheet HTML 142Page - ATMEL Corporation ATtiny43U Datasheet HTML 143Page - ATMEL Corporation ATtiny43U Datasheet HTML 144Page - ATMEL Corporation ATtiny43U Datasheet HTML 145Page - ATMEL Corporation ATtiny43U Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 182 page
background image
142
8048B–AVR–03/09
ATtiny43U
19.3.1
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and High-voltage Programming mode, also when the device is
locked.
Signature bytes can also be read by the device firmware. See section “Reading the Fuse and
Lock Bits from Software” on page 135.
The three signature bytes reside in a separate address space called the device signature imprint
table. The signature data for ATtiny43U is given in Table 19-7.
19.3.2
Calibration Byte
The device signature imprint table of ATtiny43U contains one byte of calibration data for the
internal oscillator, as shown in Table 19-6 on page 141. During reset, this byte is automatically
written into the OSCCAL register to ensure correct frequency of the calibrated oscillator.
Calibration bytes can also be read by the device firmware. See section “Reading the Fuse and
Lock Bits from Software” on page 135.
19.4
Page Size
19.5
Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM
Data memory, Memory Lock bits, and Fuse bits in the ATtiny43U. Pulses are assumed to be at
least 250 ns unless otherwise noted.
19.5.1
Signal Names
In this section, some pins of the ATtiny43U are referenced by signal names describing their
functionality during parallel programming, see Figure 19-1 and Table 19-10. Pins not described
in the following table are referenced by pin names.
Table 19-7.
Device Signature Byte
Part
Signature Byte 0
Signature Byte 1
Signature Byte 0
ATtiny43U
0x1E
0x92
0x0C
Table 19-8.
No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
ATtiny43U
2K words
(4K bytes)
32 words
PC[4:0]
64
PC[10:5]
10
Table 19-9.
No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
ATtiny43U
64 bytes
4 bytes
EEA[1:0]
16
EEA[5:2]
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com