Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 117Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 118Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 119Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 120Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 121Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 122Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 123Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 124Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 976 page
background image
Detailed Signal Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
43
either an open drain or push-pull pad. The pin can be configured as chip select pin PCS[5] when in Master
mode for the Serial Peripheral Interface A (DSPI_A), or as a Peripheral Chip Select Strobe to qualify the
other Chip Select signals to eliminate any decoding glitches. Each pin can be independently configured to
wake the system out of low-power mode (DOZE) when an external signal is applied using the interrupt
functionality.
4.3.20
PB[9] / PCS0 / SS[1] / NEX1MDO — Port B I/O Pin, DSPI_B and Nexus
Primary
PB[9] is a configurable general purpose input or output pin. It can be configured to provide either high or
reduced output drive, to enable or disable either a pull-up or pull-down resistor on the pin or to provide
either an open drain or push-pull pad. The pin can be configured as chip select pin PCS[0] when in Master
mode, or as slave select pin SS when in Slave mode for the Serial Peripheral Interface B (DSPI_B). After
Reset the pin is able to be used as the General purpose input or output PB9, or as a DSPI_B control line.
This pin can be configured to wake the system out of low-power mode (DOZE) when an external signal
is applied using the interrupt functionality. When the Nexus Primary Port is selected and active, this pin is
used as a Message Data Out output.
4.3.21
PB[10] / PCS[5] / PCSS — Port B I/O Pin and DSPI_B
PB[10] is a configurable general purpose input or output pin. It can be configured to provide either high
or reduced output drives, to enable or disable either a pull-up or pull-down resistors on the pin or to provide
either an open drain or push-pull pad. The pin can be configured as chip select pin PCS[5] when in Master
mode for the Serial Peripheral Interface B (DSPI_B), or as a Peripheral Chip Select Strobe to qualify the
other Chip Select signals to eliminate any decoding glitches. It can be configured to wake the system out
of low-power mode (DOZE) when an external signal is applied using the interrupt functionality.
4.3.22
PB[11] / PCS[2] / NEX1MDO — Port B I/O Pin, DSPI_B and Nexus
Primary
PB[11] is a configurable general purpose input or output pin. It can be configured to provide either high
or reduced output drives, to enable or disable either a pull-up or pull-down resistors on the pin or to provide
either an open drain or push-pull pad. The pin can be configured as a chip select pin PCS[2] when in Master
mode for the Serial Peripheral Interface B (DSPI_B). It can be configured to wake the system out of
low-power mode (DOZE) when an external signal is applied using the interrupt functionality. When the
Nexus Primary Port is selected and active, this pin is used as a Message Data Out output.
4.3.23
PB[12] / PCS[1] — Port B I/O Pin and DSPI_B
PB[12] is a configurable general purpose input or output pin. It can be configured to provide either high
or reduced output drives, to enable or disable either a pull-up or pull-down resistors on the pin or to provide
either an open drain or push-pull pad. The pins can be configured as a chip select pin PCS[1] when in
Master mode for the Serial Peripheral Interface B (DSPI_B). It can be configured to wake the system out
of low-power mode (DOZE) when an external signal is applied using the interrupt functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com