Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 120Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 121Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 122Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 123Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 124Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 125Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 126Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 127Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 976 page
background image
Detailed Signal Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
46
Freescale Semiconductor
4.3.33
PC[8:15] / ADDR[8:15] / MDO[0:7] — Port C I/O Pins, External
Address Bus and Nexus Secondary
PC[8] to PC[15] are configurable general purpose input or output pins. The pins can be independently
configured to provide either high or reduced output drive, and also to enable or disable either a pull-up or
pull-down resistor on the pin. The pin is multiplexed with the external address bus lines Address 8 to
Address 15. Each pin can be independently configured to wake the system out of low-power mode (DOZE)
when an external signal is applied using the interrupt functionality. When the Nexus Secondary Port is
selected and active, these pin are used as Message Data Out outputs.
4.3.34
PD[0] / BWE[0] / MODB — Port D I/O Pin, External Bus Control &
Mode Selection
PD[0] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. The state of this pin is latched at the rising edge of RESET to determine the operating mode of the
MCU. After Reset the pin is able to be used as the General purpose input or output PD[0], or as a byte
select/byte write enable line for devices connected to the external bus. It can be configured to wake the
system out of low-power mode (DOZE) when an external signal is applied using the interrupt
functionality.
4.3.35
PD[1] / BWE[1] / MODA — Port D I/O Pin, External Bus Control &
Mode Selection
PD[1] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. The state of this pin is latched at the rising edge of RESET to determine the operating mode of the
MCU. After Reset the pin is able to be used as the General purpose input or output PD[1], or as a byte
select/byte write enable line for devices connected to the external bus. It can be configured to wake the
system out of low-power mode (DOZE) when an external signal is applied using the interrupt
functionality.
4.3.36
PD[2] / CLKOUT / XCLKS — Clock Out and Oscillator Selection
PD[2] is a configurable general purpose input pin (Note that general purpose output functionality is not
available). The pin can be configured to enable or disable either a pull-up or pull-down resistor on the pin.
The state of this pin is latched at the rising edge of RESET. Note that, unlike the rest of the hardware
configuration pins, the XCLKS pin is not latched during every system reset. It is only latched during a
Power On Reset or during a reset after a loss of clock has occurred. After Reset the pin is able to be used
as the General purpose input PD[2], or as a system clock for devices connected to the external bus. It can
be configured to wake the system out of low-power mode (DOZE) when an external signal is applied using
the interrupt functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com