Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 122Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 123Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 124Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 125Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 126Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 127Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 128Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 129Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 976 page
background image
Detailed Signal Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
48
Freescale Semiconductor
pin. It is multiplexed with the Transfer Acknowledge input for devices connected to the external bus. It
can be configured to wake the system out of low-power mode (DOZE) when an external signal is applied
using the interrupt functionality.
4.3.43
PD[15] / CS0 — Port D I/O Pin and External Bus Control
PD[15] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. It is multiplexed with the Chip Select 0 output for devices connected to the external bus. It can be
configured to wake the system out of low-power mode (DOZE) when an external signal is applied using
the interrupt functionality.
4.3.44
PD[15] / R/W — Port D I/O Pin and External Bus Control
PD[15] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. It is multiplexed with the Read/Write output for devices connected to the external bus. It can be
configured to wake the system out of low-power mode (DOZE) when an external signal is applied using
the interrupt functionality.
4.3.45
PE[0:15] / AN_A[00:15]— Port E I/O Pins and ATD_A
PE[0] to PE[15] are configurable general purpose input pins (Note that general purpose output
functionality is not available). They can be configured to enable or disable either a pull-up or pull-down
resistor on the pins. The pins are multiplexed with the analog inputs AN_A[00:15] for the analog to digital
converter (ATD_A), and may be used either as an Analog Channel or an external ATD trigger. Each pin
can be independently configured to wake the system out of low-power mode (DOZE) when an external
signal is applied using the interrupt functionality.
4.3.46
PF[0] / EMIOS[0] / NEXPS — Port F I/O Pins, eMIOS Channels and
Nexus Port Selection
PF[0] is a configurable general purpose input or output pin. It can be independently configured to provide
either high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistor on
the pin. The pin is multiplexed with the eMIOS channels for the capturing of timed events or the output of
time based signals. At Reset the value of the pin is used to determine the position of the Nexus Port (when
enabled). NEXPS cleared low selects the Primary Nexus Port (PA[0:6]), NEXPS set high selects the
Secondary Nexus Port (PE[0:6]). The pin can be independently configured to wake the system out of
low-power mode (DOZE) when an external signal is applied using the interrupt functionality.
4.3.47
PF[1] / EMIOS[1] / NEXPR — Port F I/O Pins, eMIOS Channels and
Nexus Present Selection
PF[1] is a configurable general purpose input or output pin. It can be independently configured to provide
either high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistor on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com