Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 121Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 122Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 123Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 124Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 125Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 126Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 127Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 128Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 976 page
background image
Detailed Signal Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
47
4.3.37
PD[3] / XIRQ / NMI — Port D I/O Pin, High Priority Interrupt and
Non-maskable Interrupt
PD[3] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. It is multiplexed with the high priority interrupt request input that provides a means of applying
asynchronous external interrupt requests. It can be configured to wake the system out of low-power mode
(DOZE) when an external signal is applied using the interrupt functionality. When the system is in NMI
mode, this pin is used exclusively for an external Non-Maskable Interrupt, and may not be used as a GPIO.
4.3.38
PD[4] / IRQ — Port D I/O Pin, and Maskable Interrupt
PD[4] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. It is multiplexed with the low priority interrupt request input that provides a means of applying
asynchronous external interrupt requests. It can be configured to wake the system out of low-power mode
(DOZE) when an external signal is applied using the interrupt functionality.
4.3.39
PD[5:10] / ADDR[16:21] — Port D I/O Pins and External Address Bus
PD[5] to PD[10] are configurable general purpose input or output pins. They can be independently
configured to provide either high or reduced output drives, and also to enable or disable either a pull-up or
pull-down resistor on the pins. The pin is multiplexed with the external address bus lines Address 16 to
Address 21. Each pin can be independently configured to wake the system out of low-power mode (DOZE)
when an external signal is applied using the interrupt functionality.
4.3.40
PD[11] / OE — Port D I/O Pin and External Bus Control
PD[11] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. It is multiplexed with the Output Enable output for devices connected to the external bus. It can be
configured to wake the system out of low-power mode (DOZE) when an external signal is applied using
the interrupt functionality.
4.3.41
PD[12] / Burst — Port D I/O Pin and External Bus Control
PD[12] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the
pin. It is multiplexed with the Burst Attribute output for devices connected to the external bus. It can be
configured to wake the system out of low-power mode (DOZE) when an external signal is applied using
the interrupt functionality.
4.3.42
PD[13] / TA — Port D I/O Pin and External Bus Control
PD[13] is a configurable general purpose input or output pin. The pin can be configured to provide either
high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistors on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com