Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 3 Page - Texas Instruments

  ADS58C48IPFPR Datasheet HTML 1Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 2Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 3Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 4Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 5Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 6Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 7Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 8Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
TRANSPORT
PACKAGE-
PACKAGE
LEAD/BALL
PACKAGE
ORDERING
PRODUCT
TEMPERATURE
ECO PLAN (2)
MEDIA,
LEAD
DESIGNATOR
FINISH
MARKING
NUMBER
RANGE
QUANTITY
ADS58C48
TQFP-80
PFP
–40°C to 85°C
GREEN (RoHS
Cu NiPdAu
ADS58C48I
ADS58C48IPFP
Tray
and no Sb/Br)
ADS58C48IPFPR
Tape & reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com
(2)
Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and
free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more
information
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage range, AVDD
–0.3 V to 2.1 V
V
Supply voltage range, DRVDD
–0.3 V to 2.1 V
V
Voltage between AGND and DRGND
–0.3 V to 0.3 V
V
Voltage between AVDD to DRVDD (when AVDD leads DRVDD)
–2.4 V to +2.4 V
V
Voltage between DRVDD to AVDD (when DRVDD leads AVDD)
–2.4 V to +2.4 V
V
Voltage applied to input pins
INP, INM
–0.3 V to minimum ( 1.9, AVDD + 0.3 V )
V
CLKP, CLKM(2)
-0.3 V to AVDD + 0.3 V
RESET, SCLK, SDATA, SEN, SNRB_1,
–0.3 V to 3.9 V
SNRB_2, PDN
Operating free-air temperature range, TA
–40 to 85
°C
Operating junction temperature range, TJ
125
°C
Storage temperature range, Tstg
–65 to 150
°C
ESD, human body model
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKM is < |0.3V|. This
prevents the ESD protection diodes at the clock input pins from turning on.
THERMAL CHARACTERISTICS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYPICAL VALUE
UNIT
RqJA
(2)
Soldered thermal pad, no airflow
24
°C/W
Soldered thermal pad, 200 LFM
16
°C/W
RqJC
(3)
Bottom of package (thermal pad)
0.3
°C/W
(1)
With a JEDEC standard high K board and 5x5 via array. See the Exposed Pad section in the Application Information.
(2)
RqJA is the thermal resistance from the junction to ambient
(3)
RqJC is the thermal resistance from the junction to the thermal pad.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com