Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 5 Page - Texas Instruments

  ADS58C48IPFPR Datasheet HTML 1Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 2Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 3Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 4Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 5Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 6Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 7Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 8Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
ELECTRICAL CHARACTERISTICS
Typical values are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, sampling frequency = 200 MSPS, 50% clock duty cycle, –1
dBFS differential analog input, LVDS and CMOS interfaces unless otherwise noted.
MIN and MAX values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, DRVDD = 1.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
11
bits
ANALOG INPUTS
Differential input voltage range
2
Vpp
Differential input resistance (at 200 MHz, see
0.75
k
Ω
Figure 52)
Differential input capacitance (at 200 MHz, see
3.7
pF
Figure 53)
Analog input bandwidth
550
MHz
Analog input common mode current (per input pin
0.8
µA/MSPS
of each channel)
VCM common mode voltage output
0.95
V
VCM output current capability
4
mA
POWER SUPPLY
IAVDD
Analog supply current
290
330
mA
IDRVDD
350-mV LVDS swing with 100-
Ω
Output buffer supply current LVDS interface
207
230
mA
external termination after reset.
Analog power
522
mW
Digital power LVDS interface
373
mW
Global power down
30
mW
ELECTRICAL CHARACTERISTICS
Typical values are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, sampling frequency = 200 MSPS, 50% clock duty cycle, –1
dBFS differential analog input, LVDS and CMOS interfaces unless otherwise noted.
MIN and MAX values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, DRVDD = 1.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
DNL
Differential non-linearity
Fin = 170 MHz
–0.9
1.2
LSB
INL
Integral non-linearity
Fin = 170 MHz
–2.0
±1.0
2.0
LSB
Specified across devices and across channels
Offset error
–25
25
mV
within a device
There are two sources of gain error – internal reference inaccuracy and channel gain error
Gain error due to internal reference
Specified across devices and across channels
–2.5
2.5
%FS
inaccuracy alone
within a device
Specified across devices and across channels
Gain error of channel alone(1)
–0.1% –1.0%
within a device
Channel gain error temperature
0.001
Δ%/°C
coefficient
(1)
This is specified by design and characterization; it is not tested in production.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com