Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 31Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 32Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 33Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 34Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 35Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 36Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 37Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 38Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
60
62.5
65
67.5
70
72.5
75
77.5
80
82.5
85
87.5
90
20
60 100 140 180 220 260 300 340 380 420 460 500
Gain 0dB
Gain 6dB
Frequency (MHz)
62.5
63
63.5
64
64.5
65
65.5
66
66.5
67
20
60 100 140 180 220 260 300 340 380 420 460 500
Gain 0dB
Gain 6dB
Frequency (MHz)
64
66
68
70
72
74
76
78
80
82
84
86
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Fin = 150M
Fin = 170M
Fin = 220M
Fin = 300M
Fin = 400M
Fin = 500M
Gain (dB)
60
61
62
63
64
65
66
67
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Fin = 150M
Fin = 170M
Fin = 220M
Fin = 300M
Fin = 400M
Fin = 500M
Gain (dB)
ADS58C48
www.ti.com
SLAS689 – MAY 2010
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, High Perf Mode disabled, 0 dB gain,
DDR LVDS output interface, 32k point FFT (unless otherwise noted)
SFDR
SNR
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 24.
Figure 25.
SFDR
SINAD
vs
vs
DIGITAL GAIN
DIGITAL GAIN
Figure 26.
Figure 27.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com