Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 61 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 57Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 58Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 59Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 60Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 61Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 62Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 63Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 64Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
CHx_D0
CHx_D1
CHx_D2
ADS58C48
CHx_D9
CHx_D10
CLKOUT
11Bit ADCData
D0_in
D1_in
D12_in
D13_in
D2_in
Flip-flops
Receiver(FPGA, ASICetc)
Clock_in
Useshorttracesbetween ADCoutput
andreceiverpins(1to2inches)
Useexternalclockbuffer
(>150MSPS)
Inputclock
ADS58C48
www.ti.com
SLAS689 – MAY 2010
Figure 65. Data Capture with CMOS Interface
CMOS Interface Power Dissipation
With CMOS outputs, the DRVDD current scales with the sampling frequency and the load capacitance on every
output pin. The maximum DRVDD current occurs when each output bit toggles between 0 and 1 every clock
cycle. In actual applications, this condition is unlikely to occur. The actual DRVDD current would be determined
by the average number of output bits switching, which is a function of the sampling frequency and the nature of
the analog input signal.
Digital current due to CMOS output switching = CL x DRVDD x (N x FAVG),
where CL = load capacitance, N x FAVG = average number of output bits switching.
Output Data Format
Two output data formats are supported – 2s complement and offset binary. They can be selected using the serial
interface register bit <DATA FORMAT CHx>.
In the event of an input voltage overdrive, the digital outputs go to the appropriate full scale level. For a positive
overdrive, the output code is 0x7FF in offset binary output format, and 0x3FF in 2s complement output format.
For a negative input overdrive, the output code is 0x0000 in offset binary output format and 0x400 in 2s
complement output format.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com