Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 30Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 31Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 32Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 33Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 34Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 35Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 36Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 37Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
Frequency (MHz)
Ain =−36dBFS,Fin = 140MHz,
Fs = 185 MSPS
Over 20MHz BW,37M to 57M
SNR = 80.5 dBFS
SINAD = 80.4 dBFS
SFDR = 70 dBc
SNR BOOST Filter # 14
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
Frequency (MHz)
Ain = −2dBFS,Fin = 140MHz,
Fs = 185 MSPS
Over 20MHz BW,37M to 57M
SNR = 76.9 dBFS
SINAD = 76.7 dBFS
SFDR = 90 dBc
SNR BOOST Filter # 14
0
512
1024
1536
2048
2560
3072
3584
4096
0
4000
8000 12000 16000 20000 24000 28000 32000
Sample Number
FS = 200MHz
Fin = 150MHz
0
512
1024
1536
2048
2560
3072
3584
4096
0
4000
8000 12000 16000 20000 24000 28000 32000
Sample Number
FS = 200MHz
Fin = 150MHz
ADS58C48
SLAS689 – MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, High Perf Mode disabled, 0 dB gain,
DDR LVDS output interface, 32k point FFT (unless otherwise noted)
FFT WITH SNRBoost 3G ENABLED, 20-MHz BANDWIDTH
FFT WITH SNRBoost 3G ENABLED, 20-MHz BANDWIDTH
Figure 20.
Figure 21.
TIME DOMAIN WAVEFORM OF UNWRAP SIGNAL,
TIME DOMAIN WAVEFORM OF UNWRAP SIGNAL,
SNRBoost 3G DISABLED
SNRBoost 3G ENABLED
Figure 22.
Figure 23.
34
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com