Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 47Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 48Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 49Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 50Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 51Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 52Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 53Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 54Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
DIGITAL FUNCTIONS
The device has several useful digital functions such as test patterns, gain, offset correction and SNRBoost.
These can be controlled using two control bits <DIGITAL MODE 1> and <DIGITAL MODE 2> as per Table 8.
Table 8. Digital Functions Control Bits
DIGITAL
<DIGITAL MODE 1> <DIGITAL MODE 2>
DESCRIPTION
FUNCTION
All digital functions
0
0
–
disabled
Only SNRBoost 3G
0
1
Set register bit <SNRBoost CH x ON> OR use the SNRB pins(1)
enabled
Test patterns, gain
–
and offset correction
disabled
SNRBoost 3G
1
X
To turn ON SNRBoost 3G, set register bit <SNRBoost CH x ON> OR
enabled
use the SNRB pins (1)
Test patterns
Use register bits <TEST PATTERNS CH x> to select required pattern
enabled
Gain enabled
Device is in 0 dB gain mode, use bits <GAIN> to choose other gain
settings(2)
Offset correction
Use <EN OFFSET CORR> to turn ON the offset correction. Use
enabled
<OFFSET CORR TIME CONSTANT> to choose the time constant (3)
(1)
Refer to section SNR ENHANCEMENT USING SNRBOOST
(2)
Refer to section GAIN FOR SFDR/SNR TRADE-OFF
(3)
Refer to section OFFSET CORRECTION
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com