Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 21Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 22Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 23Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 24Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 25Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 26Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 27Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 28Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
03
00
0
0
0
0
0
0
<HIGH PERF MODE>
D1-D0
<HIGH PERF MODE>
00
Default performance after reset
01
Do not use
10
Do not use
11
To get best performance across sample clock and input signal frequencies, set the <HIGH PERF
MODE> bits
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
4A
00
0
0
0
0
0
0
0
<HIGH
FREQ
MODE CH
B>
58
00
0
0
0
0
0
0
0
<HIGH
FREQ
MODE CH
A>
66
00
0
0
0
0
0
0
0
<HIGH
FREQ
MODE CH
C>
74
00
0
0
0
0
0
0
0
<HIGH
FREQ
MODE CH
D>
D0
<HIGH FREQ MODE CHx> This bit is recommended for high input signal frequencies greater than
200 MHz.
0
Default performance after reset
1
For high frequency input signals, set the HIGH FREQ MODE bits for each channel
Leave paras in for vertical spacing
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com