Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 26Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 27Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 28Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 29Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 30Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 31Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 32Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 33Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
PIN
NUMBER
PIN NAME
DESCRIPTION
OF PINS
TYPE
NUMBER
INC_P,
Differential analog input, Channel C
I
34, 35
2
INC_M
IND_P,
Differential analog input, Channel D
I
37, 38
2
IND_M
CM
Outputs the common-mode voltage (0.95 V) that can be used externally to bias
O
29
1
the analog input pins.
RESET
Serial interface RESET input.
I
17
1
The user must initialize internal registers through hardware RESET by applying a
high-going pulse on this pin or by using software reset option. Refer to SERIAL
INTERFACE section. The pin has an internal 100k
Ω pull-down resistor.
SCLK
Serial interface clock input. The pin has an internal 100-k
Ω pull-down resistor.
I
18
1
SDATA
Serial interface data input. The pin has an internal 100-k
Ω pull-down resistor.
I
19
1
SEN
Serial interface enable input. The pin has an internal 100-k
Ω pull-up resistor to
I
20
1
DRVDD
SDOUT
This pin functions as serial interface register readout, when the <READOUT> bit
O
16
1
is enabled.
When <READOUT> = 0, this pin is put in high impedance state.It is a CMOS
output pin running off DRVDD supply.
PDN
Power down control pin. The pin has an internal 150-k
Ω pull-down resistor to
I
21
1
DRGND.
SNRB_1,
SNRBoost 3G control pins. Each pin has an internal 150-k
Ω pull-down resistor to
I
41, 40
2
SNRB_2
DRGND.
CLKOUT
CMOS output clock
O
68
CHA_D0 to
Channel A ADC output data bits, CMOS levels
O
Refer to
11
CHA_D10
Figure 10
CHB_D0 to
Channel B ADC output data bits, CMOS levels
O
11
CHB_D10
CHC_D0 to
Channel C ADC output data bits, CMOS levels
O
11
CHC_D10
CHD_D0 to
Channel D ADC output data bits, CMOS levels
O
11
CHD_D10
DRVDD
1.8 V, digital supply
I
1,60, 69, 70
DNC
Do not connect
4, 42, 54, 67,
5
71
PAD
MUST be connected to ground.
30
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com