Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 52Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 53Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 54Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 55Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 56Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 57Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 58Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 59Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
OFFSET CORRECTION
ADS58C48 has an internal offset correction algorithm that estimates and corrects dc offset up to ±10 mV. The
correction can be enabled using the serial register bit <EN OFFSET CORR>. Once enabled, the algorithm
estimates the channel offset and applies the correction every clock cycle. The time constant of the correction
loop is a function of the sampling clock frequency. The time constant can be controlled using register bits
<OFFSET CORR TIME CONSTANT> as described in Table 12.
After the offset is estimated, the correction can be frozen by setting <FREEZE OFFSET CORR > = 1. Once
frozen, the last estimated value is used for offset correction every clock cycle. Note that offset correction is
disabled by default after reset.
After a reset, the offset correction is disabled. To use offset correction:
•
First, program the bits <DIGITAL MODE 1> and <DIGITAL MODE 2> as per the table above to enable the
correction.
•
Then set <EN OFFSET CORR> to 1 and program the required time constant.
Table 12. Time Constant of Offset Correction Algorithm
TIME CONSTANT (Number of clock
TIME CONSTANT, TCCLK x
OFFSET CORR
cycles)
1/fs(sec)(1)
0000
1M
5.2 ms
0001
2M
10.5 ms
0010
4M
21 ms
0011
8M
42 ms
0100
16M
84 ms
0101
32M
167.8 ms
0110
64M
335.5 ms
0111
128M
671 ms
1000
256M
1.34 s
1001
512M
2.7 s
1010
1G
5.4 s
1011
2G
10.7 s
1100
Reserved
—
1101
Reserved
—
1110
Reserved
—
1111
Reserved
—
(1)
Sampling frequency, Fs = 200 MSPS
56
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com