Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 59 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 55Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 56Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 57Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 58Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 59Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 60Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 61Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 62Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
OUTP
OUTM
Rout
Vdiff
1.05 V
Vdiff
+
+
+
–
–
–
External
100-
Load
W
S0374-04
S0443-01
CHA Data<10:0>
CHB Data<10:0>
Receiver chip #1
(for example GC5330)
Receiver chip #2
CLKOUTP
CLKOUTM
CHC Data<10:0>
CHD Data<10:0>
CLKIN1 100 W
100 W
CLKIN2
ADS58C48
Make <LVDS CLKOUT STRENGTH> = 1
ADS58C48
www.ti.com
SLAS689 – MAY 2010
Figure 62. LVDS Buffer Equivalent Circuit
Figure 63. LVDS Strength Doubling - Example Application
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com