Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 22Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 23Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 24Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 25Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 26Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 27Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 28Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 29Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
159-002
1
2
3
4
5
6
7
9
10
8
11
12
13
14
15
16
17
18
19
20
21
22
23
24
34
33
32
30
28
27
26
25
36
35
40
39
38
37
29
31
80
79
78
77
67
69
71
73
74
76
61
62
64
70
66
65
68
63
72
75
SDOUT
CHA<10>_P
SCLK
RESET
SEN
SDATA
SNRB_1
CHA<10>_M
CHA<8>_P
CHA<8>_M
CHA<6>_P
CHA<6>_M
CHA<2>_P
CHA<2>_M
CHA<4>_P
CHA<4>_M
CHA<0>_P
CHA<0>_M
CHB<10>_M
CHB<10>_P
CHD<10>_P
CHD<10>_M
CHD<8>_P
CHD<8>_M
CHD<6>_P
CHD<6>_M
CHD<2>_P
CHD<2>_M
CHD<4>_P
CHD<4>_M
CHD<0>_P
CHD<0>_M
CHC<2>_P
CHC<2>_M
CHC<4>_P
CHC<4>_M
CHC<0>_P
CHC<0>_M
DRVDD
PAD IS CONNECTED TO GND
ADS58C48
DRVDD
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
41
P0027-05
ADS58C48
SLAS689 – MAY 2010
www.ti.com
DEVICE INFORMATION
PIN CONFIGURATION (LVDS MODE)
PIN ASSIGNMENTS (LVDS INTERFACE)
PIN
NUMBER
PIN NAME
DESCRIPTION
OF PINS
TYPE
NUMBER
AVDD
1.8 V, analog power supply
I
22, 25, 28, 30,
7
33, 36, 39
CLKP,
Differential clock input
I
31, 32
2
CLKM
26
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com