Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 37Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 38Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 39Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 40Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 41Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 42Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 43Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 44Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
25
30
35
40
45
50
55
60
65
70
75
79
79.5
80
80.5
81
81.5
82
82.5
83
66.5
66.6
66.7
66.8
66.9
67
67.1
67.2
67.3
THD
Input Clock Duty Cycle (%)
SNR
Fin = 20MHz
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0
20
40
60
80
100
120
140
160
180
200
Sampling Frequency (MSPS)
AVDD = 1.8V
Fin = 2.5MHz
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
20
40
60
80
100
120
140
160
180
200
Sampling Frequency (MSPS)
Default after Reset
Digital Gain + Offset-Correction Enable
SNR Boost ON for 2ch’s (60MHz Filter)
SNR Boost ON for 4ch’s (60MHz Filter)
SNR Boost ON for 4ch’s + Digital Gain
+ Offset Correction
ADS58C48
www.ti.com
SLAS689 – MAY 2010
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, High Perf Mode disabled, 0 dB gain,
DDR LVDS output interface, 32k point FFT (unless otherwise noted)
PERFORMANCE ACROSS INPUT CLOCK DUTY CYCLE
Figure 40.
ANALOG POWER
DIGITAL POWER
vs
vs
SAMPLING FREQUENCY
SAMPLING FREQUENCY
Figure 41.
Figure 42.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com