Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 16Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 17Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 18Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 19Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 20Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 21Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 22Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 23Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
35
00
0
0
0
<DATA FORMAT CH C
0
0
0
CH D>
D4-D3
<DATA FORMAT CH C CH D>
00
Both channels in 2s complement
01
Both channels in 2s complement
10
Both channels in 2s complement
11
Both channels in offset binary
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
37
00
<GAIN CH D>
0
<TEST PATTERNS – CH D>
D7-D4
<GAIN> Gain programmability in 0.5 dB steps for channels A,B,C,D
0000
0 dB gain, default after reset
0001
0.5 dB gain
0010
1.0 dB gain
0011
1.5 dB gain
0100
2.0 dB gain
0101
2.5 dB gain
0110
3.0 dB gain
0111
3.5 dB gain
1000
4.0 dB gain
1001
4.5 dB gain
1010
5.0 dB gain
1011
5.5 dB gain
1100
6 dB gain
D2-D0
<TEST PATTERNS – CH X> Test Patterns to verify data capture for channels A, B, C, D
ONLY when register bit DIGITAL MODE1 is set
000
Normal operation
001
Outputs all zeros
010
Outputs all ones
011
Outputs toggle pattern
Output data <D10:D0> is an alternating sequence of 10101010101 and 01010101010.
100
Outputs digital pattern
Output data increments by one LSB (11-bit) every 8th clock cycle from code 0 to code 2047
101
Outputs custom pattern
(use registers 0x3F, 0x40 for setting the custom pattern)
110
Unused
111
Unused
20
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com