Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 41Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 42Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 43Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 44Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 45Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 46Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 47Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 48Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
64.1
64.1
64.4
64.4
64.4
64.7
64.7
64.7
65
65
65
65.3
65.3
65.3
65.6
65.6
65.6
65.9
65.9
65.9
66.2
66.2
66.2
66.5
66.5
66.5
66.8
66.8
20
50
150
200
Input Frequency (MHz)
SNR (dBFS)
250
350
500
80
100
120
140
160
180
200
63
64
65
M0048-31
62
66
100
300
68
450
400
67
62.
63
63
63
63.3
63.3
63.3
63.6
63.6
63.6
63.9
63.9
63.9
64.2
64.2
64.2
64.5
64.5
64.8
20
50
150
200
Input Frequency (MHz)
SNR (dBFS)
250
350
500
80
100
120
140
160
180
200
62.5
63
63.5
M0048-32
64.5
100
300
66
450
400
65
64
65.5
ADS58C48
www.ti.com
SLAS689 – MAY 2010
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, High Perf Mode disabled, 0 dB gain,
DDR LVDS output interface, 32k point FFT (unless otherwise noted)
SNR vs INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 49. SNR CONTOUR, 0-dB GAIN
SNR vs INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 50. SNR CONTOUR, 6-dB GAIN
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com