Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 48Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 49Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 50Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 51Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 52Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 53Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 54Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 55Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
SNR ENHANCEMENT USING SNRBoost
3G
SNRBoost 3G technology makes it possible to overcome SNR limitations due to quantization noise. Using
SNRBoost 3G, enhanced SNR can be obtained for any bandwidth (less than Nyquist or Fs/2). The SNR
improvement is achieved without affecting the default harmonic performance.
ADS58C48 uses 3rd generation SNRBoost technology (SNRBoost 3G) to achieve SNR enhancement over very
wide bandwidths (up to 60MHz). When SNRBoost 3G is enabled, the noise floor in the spectrum acquires a
typical bath-tub shape. The special feature of SNRBoost 3G is the nearly flat noise floor within the entire band of
the bath-tub.
The position of the center of the bath-tub and its bandwidth are programmable. The available bandwidths are 60
MHz, 40 MHz, 30 MHz and 20 MHz. Several center frequency options are available for each bandwidth.
ADS58C48 includes 55 pre-programmed combinations of center frequency and bandwidth. Any one of these
combinations can be selected by programming the register bits <Ch SNRBoost Filter #>. Each channel can be
programmed with independent center frequency and bandwidths.
One of the characteristics of SNRBoost 3G is that the bandwidth scales with the sampling frequency. 60-MHz and
40-MHz bandwidths are achieved at sampling rate of 184 MHz; at higher sample rates, even higher bandwidths
are possible .
The lower bandwidths 30 MHz and 20 MHz are achieved at sample rate of 200 MHz; at lower sample rates, the
achieved bandwidth will be lower. Table 10 shows all combinations of center frequency for each bandwidth,
specified as fraction of the sample rate.
By positioning the bath-tub within the desired signal band, SNR improvement can be achieved. Note that as the
bandwidth is increased, the amount of SNR improvement reduces.
After reset, the SNRBoost function is disabled.
Table 9. SNRBoost 3G Control Using SNRB Pins
VOLTAGE
APPLIED ON SNRB
SNRB_1
SNRB_2
PINS
LOW
SNRBoost 3G mode OFF for channels C and D
SNRBoost 3G mode OFF for channels A and B
HIGH
SNRBoost 3G mode ON for channels C and D
SNRBoost 3G mode ON for channels A and B
To use SNRBoost 3G with SNRB pins follow the exact sequence below:
Select and enable the SNRBoost 3G Filter
1. First, disable bits <DIGITAL MODE 1> and <DIGITAL MODE 2> (= 0)
2. Next, select the appropriate SNRBoost 3G filter using register bits <Ch SNRBoost Filter #>.
3. Finally, set bit <DIGITAL MODE 2> (= 1)
Turn On/OFF SNRBoost 3G
1. Use the SNRB1 and SNRB2 pins to dynamically turn on/off the SNRBoost 3G for each pair of channels.
Leave para for spacing
To use SNRBoost 3G without using SNRB pins follow the exact sequence below :
Select and enable the SNRBoost 3G Filter
1. First, disable bits <DIGITAL MODE 1> and <DIGITAL MODE 2> (= 0)
2. Next, select the appropriate SNRBoost filter using register bits <Ch SNRBoost Filter #>.
3. Finally, set bit <DIGITAL MODE 2> (= 1)
4. Set the SNRB pin over-ride bit <OVERRIDE SNRB pins>
Turn On/OFF SNRBoost 3G
1. Turn ON and OFF the SNRBoost 3G for each channel using the register bits <SNRBoost CH A ON>,
<SNRBoost CH B ON>, <SNRBoost CH C ON> and <SNRBoost CH D ON>
52
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com