Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 42Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 43Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 44Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 45Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 46Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 47Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 48Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 49Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
Resr
200 W
10 W
10 W
Sampling
Capacitor
Csamp
2 pF
INP
INM
Cbond
1 pF
»
100 W
Cpar1
0.25 pF
Ron
15 W
Cpar2
1.0 pF
Ron
15 W
Ron
15 W
Cpar2
1.0 pF
100 W
3 pF
3 pF
Lpkg
4 nH
»
Lpkg
4 nH
»
Cbond
1 pF
»
Resr
200 W
Csamp
2 pF
Sampling
Capacitor
Sampling
Switch
Sampling
Switch
RCR Filter
S0322-04
ADS58C48
SLAS689 – MAY 2010
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
ADS58C48 is a quad channel 11-bit A/D converter with sampling rates up to 200 MSPS.
At every rising edge of the input clock, the analog input signal of each channel is sampled simultaneously. The
sampled signal in each channel is converted by a pipeline of low resolution stages. In each stage, the sampled
and held signal is converted by a high speed, low resolution flash sub-ADC. The difference (residue) between the
stage input and its quantized equivalent is gained and propagates to the next stage. At every clock, each
succeeding stage resolves the sampled input with greater accuracy. The digital outputs from all stages are
combined in a digital correction logic block and processed digitally to create the final code, after a data latency of
10 clock cycles.
The digital output is available as either DDR LVDS or parallel CMOS and coded in either straight offset binary or
binary 2s complement format.
ANALOG INPUT
The analog input consists of a switched-capacitor based differential sample and hold architecture. This
differential topology results in very good AC performance even for high input frequencies at high sampling rates.
The INP and INM pins have to be externally biased around a common-mode voltage of 0.95 V, available on VCM
pin. For a full-scale differential input, each input pin INP, INM has to swing symmetrically between VCM + 0.5 V
and VCM – 0.5 V, resulting in a 2-Vpp differential input swing.
The input sampling circuit has a high 3-dB bandwidth that extends up to 550 MHz (measured from the input pins
to the sampled voltage).
Figure 51. Analog Input Circuit
Drive Circuit Requirements
For optimum performance, the analog inputs must be driven differentially. This improves the common-mode
noise immunity and even order harmonic rejection. A 5-
Ω to 15-Ω resistor in series with each input pin is
recommended to damp out ringing caused by package parasitic.
SFDR performance can be limited due to several reasons - the effect of sampling glitches (described below),
non-linearity of the sampling circuit and non-linearity of the quantizer that follows the sampling circuit.
46
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com