Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 14Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 15Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 16Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 17Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 18Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 19Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 20Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 21Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
DESCRIPTION OF SERIAL REGISTERS
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
00
00
0
0
0
0
0
0
<RESET>
<READOUT>
D1
<RESET>
1
Software reset applied – resets all internal registers to their default values and self-clears to 0.
D0
<READOUT>
0
Serial readout of registers is disabled. Pin SDOUT is put in high-impedance state.
1
Serial readout is enabled. Pin SDOUT functions as serial data readout with CMOS logic levels,
running off DRVDD supply.
See Serial Register Readout section.
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
01
00
<LVDS SWING>
0
0
D7-D2
<LVDS SWING> LVDS swing programmability
000000
Default LVDS swing; ±350mV with external 100-
Ω termination
011011
LVDS swing increases to ±410mV
110010
LVDS swing increases to ±465mV
010100
LVDS swing increases to ±570mV
111110
LVDS swing decreases to ±200mV
001111
LVDS swing decreases to ±125mV
Other
Do not use
combinations
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
25
00
<GAIN CH B>
0
<TEST PATTERNS – CH B>
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
26
00
0
<CHB SNRBoost FILTER #>
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
28
00
0
<SNRBoost
0
0
0
0
0
0
CH B ON>
18
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com