Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 4Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 5Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 6Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 7Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 8Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 9Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 10Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 11Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
TIMING CHARACTERISTICS – LVDS AND CMOS MODES
(1)
Typical values are at 25°C, AVDD = 1.8 V, DRVDD = 1.8 V, sampling frequency = 200 MSPS, sine wave input clock, CLOAD =
5 pF
(2), R
LOAD = 100 Ω
(3), unless otherwise noted.
MIN and MAX values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, DRVDD = 1.7 V to
1.9 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
0.5
0.8
1.1
ns
Aperture delay matching
Between the 4 channels of the same device
±70
ps
Variation of aperture delay
Between two devices at same temperature and
±150
ps
DRVDD supply
tj
Aperture jitter
140
fs rms
Wake-up time
Time to valid data after coming out of STANDBY
5
25
µs
mode
Time to valid data after coming out of GLOBAL
100
500
µs
power down mode
Time to valid data after stopping and restarting the
50
µs
input clock
ADC latency (4)
Default latency after reset, DIGITAL MODE1=0,
10
Clock
DIGITAL MODE2=0
cycles
SNRBoost only enabled, DIGITAL MODE1=0,
11
Clock
DIGITAL MODE2=1
cycles
SNRBoost, Gain and Offset corr enabled, DIGITAL
18
Clock
MODE1=1, DIGITAL MODE2=0 or 1
cycles
DDR LVDS MODE (5)
tsu
Data setup time(6)
Data valid(6) to zero-crossing of CLKOUTP
0.5
1.1
ns
th
Data hold time(6)
Zero-crossing of CLKOUTP to data becoming
0.35
0.70
ns
invalid(6)
tPDI
Clock propagation delay
Input clock rising edge cross-over to output clock
4.5
6
7.5
ns
rising edge cross-over
1 MSPS ≤ Sampling frequency ≤ 200 MSPS
Variation of tPDI
Between two devices at same temperature and
±0.8
ns
DRVDD supply
LVDS bit clock duty cycle
Duty cycle of differential clock,
45%
50%
55%
(CLKOUTP-CLKOUTM)
1 MSPS ≤ Sampling frequency ≤ 200 MSPS
tRISE,
Data rise time, Data fall time
Rise time measured from –100 mV to +100 mV
0.14
ns
tFALL
Fall time measured from +100 mV to –100 mV
1MSPS ≤ Sampling frequency ≤ 200 MSPS
tCLKRISE,
Output clock rise time,
Rise time measured from –100 mV to +100 mV
0.18
ns
tCLKFALL
Output clock fall time
Fall time measured from +100 mV to –100 mV
1 MSPS ≤ Sampling frequency ≤ 200 MSPS
PARALLEL CMOS MODE
tSTART
Input clock to data delay
Input clock falling edge cross-over to start of data
–0.40
ns
valid(7)
tDV
Data valid time
Time interval of data valid(7)
3.2
3.8
ns
Output clock duty cycle
Duty cycle of output clock, CLKOUT
45%
1 MSPS ≤ Sampling frequency ≤ 150 MSPS
tRISE ,
Data rise time,
Rise time measured from 20% to 80% of DRVDD
0.6
ns
tFALL
Data fall time
Fall time measured from 80% to 20% of DRVDD
1 ≤ Sampling frequency ≤ 200 MSPS
(1)
Timing parameters are ensured by design and characterization and not tested in production.
(2)
CLOAD is the effective external single-ended load capacitance between each output pin and ground
(3)
RLOAD is the differential load resistance between the LVDS output pair.
(4)
At higher frequencies, tPDI is greater than one clock period and overall latency = ADC latency + 1.
(5)
Measurements are done with a transmission line of 100-
Ω characteristic impedance between the device and the load. Setup and hold
time specifications take into account the effect of jitter on the output data and clock.
(6)
Data valid refers to LOGIC HIGH of +100.0 mV and LOGIC LOW of –100.0 mV.
(7)
Data valid refers to LOGIC HIGH of 1.26 V and LOGIC LOW of 0.54 V
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com