Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 19Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 20Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 21Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 22Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 23Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 24Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 25Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 26Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
D3
<DIGITAL MODE 1>
Refer to section SNR ENHANCEMENT USING SNRBOOST
D2-D1
<PDN OBUF CMOS>(1)
00
CMOS data buffers enabled for all channels
01
CMOS data buffers powered down and output 3-stated for channel A and channel D
10
CMOS data buffers powered down and output 3-stated for channel B and channel C
11
CMOS data buffers powered down and output 3-stated for all channels
1. With CMOS interface, to power down the output clock CLKOUT, set the bits <PDN OBUF LVDS>
= 11
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
44
00
0
0
0
0
0
0
<DIGITAL
MODE 2>
EA
00
<OVERRID
0
0
0
0
0
0
0
E SNRB
pins>
F1
00
0
0
0
0
0
0
<EN LVDS SWING>
Refer to section SNR ENHANCEMENT USING SNRBOOST
D1-D0
<EN LVDS SWING>Enable LVDS swing control using the <LVDS SWING> bits
00
LVDS swing control using LVDS SWING register bits is disabled
01, 10
Do not use
11
LVDS swing control using LVDS SWING register bits is enabled
ADDRS
DEFAULT
D7
D6
D5
D4
D3
D2
D1
D0
A7-A0 IN
VALUE
HEX
AFTER
RESET
45
00
<STBY>
<LVDS
<LVDS DATA
0
0
<PDN
0
<CONFIG
CLKOUT
STRENGTH>
GLOBAL>
PDN Pin>
STRENGTH>
D0
<CONFIGURE PDN Pin>
0
PDN pin functions as STBY control pin.
1
PDN pin functions as Global Power down control pin.
D2
<PDN GLOBAL>
0
Normal operation
1
Total power down – All channel ADCs, internal references and output buffers are powered down.
Wake-up time from this mode is slow, typically, 100 µsec.
D5
<LVDS DATA STRENGTH>
0
All LVDS data buffers have default strength to be used with 100-
Ω external termination
1
All LVDS data buffers have double strength to be used with 50-
Ω external termination
D6
<LVDS CLKOUT STRENGTH>
0
LVDS output clock buffer has default strength to be used with 100-
Ω external termination
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com