Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 23Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 24Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 25Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 26Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 27Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 28Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 29Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 30Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
PIN
NUMBER
PIN NAME
DESCRIPTION
OF PINS
TYPE
NUMBER
INA_P,
Differential analog input, Channel A
I
23, 24
2
INA_M
INB_P,
Differential analog input, Channel B
I
26, 27
2
INB_M
INC_P,
Differential analog input, Channel C
I
34, 35
2
INC_M
IND_P,
Differential analog input, Channel D
I
37, 38
2
IND_M
CM
Outputs the common-mode voltage (0.95 V) that can be used externally to bias
O
29
1
the analog input pins.
RESET
Serial interface RESET input.
I
17
1
The user must initialize internal registers through hardware RESET by applying a
high-going pulse on this pin or by using software reset option. Refer to SERIAL
INTERFACE section. The pin has an internal 100k
Ω pull-down resistor.
SCLK
Serial interface clock input. The pin has an internal 100-k
Ω pull-down resistor.
I
18
1
SDATA
Serial interface data input. The pin has an internal 100-k
Ω pull-down resistor.
I
19
1
SEN
Serial interface enable input. The pin has an internal 100-k
Ω pull-up resistor to
I
20
1
DRVDD
SDOUT
This pin functions as serial interface register readout, when the <READOUT> bit
O
16
1
is enabled.
When <READOUT> = 0, this pin is put in high impedance state.It is a CMOS
output pin running off DRVDD supply.
PDN
Power down control pin. The pin has an internal 150-k
Ω pull-down resistor to
I
21
1
DRGND.
SNRB_1,
SNRBoost 3G control pins. Each pin has an internal 150-k
Ω pull-down resistor to
I
41, 40
2
SNRB_2
DRGND.
DRVDD
1.8 V, digital supply
I
1, 60, 69, 70
CLKOUTP,
Differential output clock
O
68, 67
2
CLKOUTM
CHA<0>_P,
Differential output data pair, '0' and D0 multiplexed – Channel A
O
5,4 Refer to
2
CHA<0>_M
Figure 9
CHA<2>_P,
Differential output data D1 and D2 multiplexed, true – Channel A
O
7,6
2
CHA<2>_M
CHA<4>_P,
Differential output data D3 and D4 multiplexed, true – Channel A
O
9,8
2
CHA<4>_M
CHA<6>_P,
Differential output data D5 and D6 multiplexed, true – Channel A
O
11,10
2
CHA<6>_M
CHA<8>_P,
Differential output data D7 and D8 multiplexed, true – Channel A
O
13,12
2
CHA<8>_M
CHA<10>_P,
Differential output data D9 and D10 multiplexed, true – Channel A
O
15,14
2
CHA<10>_M
CHB<0>_P,
Differential output data pair, '0' and D0 multiplexed – Channel B
O
72,71
2
CHB<0>_M
CHB<2>_P,
Differential output data D1 and D2 multiplexed, true – Channel B
O
74,73
2
CHB<2>_M
CHB<4>_P,
Differential output data D3 and D4 multiplexed, true – Channel B
O
76,75
2
CHB<4>_M
CHB<6>_P,
Differential output data D5 and D6 multiplexed, true – Channel B
O
78,77
2
CHB<6>_M
CHB<8>_P,
Differential output data D7 and D8 multiplexed, true – Channel B
O
80,79
2
CHB<8>_M
CHB<10>_P,
Differential output data D9 and D10 multiplexed, true – Channel B
O
3,2
2
CHB<10>_M
CHC<0>_P,
Differential output data pair, '0' and D0 multiplexed – Channel C
O
55,54
2
CHC<0>_M
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com