Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 4 Page - Texas Instruments

  ADS58C48IPFPR Datasheet HTML 1Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 2Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 3Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 4Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 5Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 6Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 7Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 8Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
ADS58C48
SLAS689 – MAY 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD
1.7
1.8
1.9
V
Digital supply voltage, DRVDD
1.7
1.8
1.9
V
ANALOG INPUTS
Differential input voltage range
2
VPP
Input common-mode voltage
VCM ±0.05
V
Maximum analog input frequency with 2-V pp input amplitude
(1)
400
MHz
Maximum analog input frequency with 1-V pp input amplitude
(1)
600
MHz
CLOCK INPUT
Input clock sample rate
1
200
MSPS
Input clock amplitude differential
Sine wave, ac-coupled
0.2
1.5
Vpp
(VCLKP - VCLKM)
LVPECL, ac-coupled
1.6
Vpp
LVDS, ac-coupled
0.7
Vpp
LVCMOS, single-ended, ac-coupled
3.3
V
Input clock duty cycle
50%
DIGITAL OUTPUTS
Maximum external load capacitance from
Default strength
5
pF
each output pin to DRGND CLOAD
Maximum strength
10
pF
Differential load resistance between the LVDS output pairs (LVDS mode), RLOAD
100
Ω
HIGH PERFORMANCE MODES(2) (3)
High perf mode
Set this register bit to get best performance across Register address = 0x03,
sample clock and input signal frequencies
data = 0x03
High freq mode
Set these register bits for high input signal
Register address = 0x4A,
frequencies (> 200 MHz)
data = 0x01
Register address = 0x58,
data = 0x01
Register address = 0x66,
data = 0x01
Register address = 0x74,
data = 0x01
Operating free-air temperature, TA
–40
85
°C
(1)
See the THEORY OF OPERATION section in the Application Information
(2)
It is recommended to use these modes to get best performance.
(3)
See the SERIAL INTERFACE section for details on register programming.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com