Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C48IPFPR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 60 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 56Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 57Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 58Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 59Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 60Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 61Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 62Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 63Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
S0444-01
CLKOUT
CHX_D0
ADS58C48
11-Bit Data
·
·
·
·
·
·
CHX_D1
CHX_D2
CHX_D9
CHX_D10
X = channels A, B, C and D
ADS58C48
SLAS689 – MAY 2010
www.ti.com
Parallel CMOS Interface
In the CMOS mode, each data bit is output on separate pin as CMOS voltage level, every clock cycle. The rising
edge of the output clock CLKOUT can be used to latch data in the receiver.
Switching noise (caused by CMOS output data transitions) can couple into the analog inputs and degrade the
SNR. The coupling and SNR degradation increases as the output buffer drive is made stronger. To minimize this,
the CMOS output buffers are designed with controlled drive strength. The default drive strength ensures wide
data stable window provided the data outputs have minimal load capacitance. It is recommended to use short
traces (1 to 2 inches) terminated with not more than 5-pF load capacitance.
For sampling frequencies greater than 150 MSPS, it is recommended to use an external clock to capture data.
The delay from input clock to output data and the data valid times are specified for the higher sampling
frequencies. These timings can be used to delay the input clock appropriately and use it to capture the data.
Figure 64. CMOS Interface
60
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com