Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 4 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 4 Page - Semtech Corporation

  ACS411CS Datasheet HTML 1Page - Semtech Corporation ACS411CS Datasheet HTML 2Page - Semtech Corporation ACS411CS Datasheet HTML 3Page - Semtech Corporation ACS411CS Datasheet HTML 4Page - Semtech Corporation ACS411CS Datasheet HTML 5Page - Semtech Corporation ACS411CS Datasheet HTML 6Page - Semtech Corporation ACS411CS Datasheet HTML 7Page - Semtech Corporation ACS411CS Datasheet HTML 8Page - Semtech Corporation ACS411CS Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Wave Division
Multiplexing Device
Laser
PIN Diode
LAP
LAN
PINP/VP
PINN/VN
PMN
Single
Fiber
WDM device containing 3-pin Laser and PIN.
If the device does not have an integrated TIA then
the PIN Diodes's Cathode/Anode is connected to
PINP/PINN respectively with PINRX set High.
Control of LED Current
To minimise the switching delay, a permenent bias
current is maintained through the LED. A second
current source called the modulation current varies
the intensity of the output light power such that:
Optical Low current = Bias current.
Optical high current = Bias current + Modulation current
Unlike Lasers, LED's have a linear relationship
between current and output light power. Also, the
output power of LEDs does not vary significantly with
temperature. Therefore, LEDs are driven with a
predetermined biased current and modulation current
fixed by the resistors between RBIASET and GND
and RMODSET and GND respectively. In order to
fix the modulation current the signal MODFIX should
be set = High.
The bias current is determined by a resistor
connected between pin RBIASSET and Ground.The
bias current can be calculated from the formula
below:
I
(LAN) (BIAS) = 50/ RRBIASSET
Where R
RBIASSET
> 1Kohm, tolerance +/- 20%
I = Amps
The modulation current is determined by a resistor
connected between pin RMODSET and Ground.The
modulation current can be calculated from the formula
below:
I
(LAN) (MOD) = 100/ RRMODSET
Where R
RMODSET
> 1Kohm, tolerance +/- 20%
I = Amps
When setting the bias current and the modulation
current it is important to ensure that the sum of the
component currents do not exceed 100 mA.
I
(LAN)
=
I
(BIAS)
+
I
(MOD)
<= 100 mA
The bias current and modulation currents should be
set to give the appropraite extinction ratio. The
extinction ratio is the ratio of the optical high power
compared to the optical low power.
Eg. An extinction ratio of 13db, is where the optical
high power is 20 times the optical low power.
Control of LASER Current
To minimise switching the delay, a permenent bias
current is maintained through the LASER. A second
current source called the modulation current varies
the intensity of the output light power such that:
Optical Low current = Bias current.
Optical high current = Bias current + Modulation current
For Lasers, there is a non-linear relationship between
the output power and the applied current. In addition,
Laser output power will vary significantly with
temperarure for a constant current. For these reason
Laser drive current must be controlled so as to
maintain a constant optical output power from the
Laser. The monitor pin resident in the laser converts
the incident light power (typically leaked from the
rear facet of the laser itself) to a monitor current,
which is directly compared to a preset programmed
current (the current flowing through RMODSET). The
Laser drive current is automatically adjusted to
maintain the original preset light level over the
temperature and voltage range. The designer should
be aware that whilst the control loop maintains the
current generated by the monitor-pin within a
tolerance of 2%, there is additional uncertainty
attributed to the monitor-pin's temperature coefficient
of responsivity. Data relating to the Laser
characteristics should be acquired from the Laser
supplier.
The bias current is set in the same way as it is for
the LED driver. The bias current is determined by a
resistor connected between pin RBIASSET and GND.
The bias current can be calculated from the formula
below:
I
(LAN) (BIAS) = 50/ RRBIASSET
Where R
RBIASSET
> 1Kohm, tolerance +/- 20%
I = Amps
Whilst the bias current flowing through the Laser is
fixed, the modulated component is automatically
regulated to maintain a near constant output light
power. In order to activate the automatic regulation
of the modulation current it is important that the pin
MODFIX is set Low.
The monitor-pin current is set by a variable resistor
(R
RMODSET) connected
between pin RMODSET and
Ground. Acapella recommends that R
RMODSET should
comprise a logarithmic potentiometer of value 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com