Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 30 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 30 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 26Page - Semtech Corporation ACS411CS Datasheet HTML 27Page - Semtech Corporation ACS411CS Datasheet HTML 28Page - Semtech Corporation ACS411CS Datasheet HTML 29Page - Semtech Corporation ACS411CS Datasheet HTML 30Page - Semtech Corporation ACS411CS Datasheet HTML 31Page - Semtech Corporation ACS411CS Datasheet HTML 32Page - Semtech Corporation ACS411CS Datasheet HTML 33Page - Semtech Corporation ACS411CS Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
30
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
OC1/STS1 Jitter specification
When configured for OC1/STS1 operation, the Jitter
Tolerance and Jitter Transfer performance exceeds
the requirements specified in Bellcore GR-253-CORE.
In the absence of input jitter, the output jitter generated
from the mixed signal PLL after band pass filtering
from 12kHz to 400kHz is 0.07UIpp.
Figure 20: OC1/STS1 Jitter specifications.
OC1/STS1Jitter Tolerance
0.1
1
10
100
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
OC1/STS1 Jitter Transfer
-60
-50
-40
-30
-20
-10
0
10
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com