Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 12 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 12 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 8Page - Semtech Corporation ACS411CS Datasheet HTML 9Page - Semtech Corporation ACS411CS Datasheet HTML 10Page - Semtech Corporation ACS411CS Datasheet HTML 11Page - Semtech Corporation ACS411CS Datasheet HTML 12Page - Semtech Corporation ACS411CS Datasheet HTML 13Page - Semtech Corporation ACS411CS Datasheet HTML 14Page - Semtech Corporation ACS411CS Datasheet HTML 15Page - Semtech Corporation ACS411CS Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
12
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Microprocessor Interface
Bus Interface Mode Selection
The ACS4110 incorporates an 8-bit parallel
microprocessor bus interface, which can be configured
for the following modes via the bus interface mode
control pins UPSEL(3:1) as defined in Table 9.
UPSEL(3:1) Mode
Description
111 (7)
OFF
Interface disabled
110 (6)
OFF
Interface disabled
101 (5)
SERIAL
Serial uP bus interface
100 (4)
MOTOROLA
Motorola interface
011 (3)
INTEL
Intel compatible bus interface
010 (2)
MULTIPLEXED Multiplexed bus interface
001 (1)
EPROM
EPROM read mode
000 (0)
OFF
Interface disabled
Table 9: Microprocessor Interface Mode Selection
Note: Bit 0 is the least significant bit for all modes used
here, and the byte structure complies to little endian
format (byte 0 is least significant and stored at lowest
address).
In OFF Mode, the bus interface is disabled. Control of
the device is solely via I/O pins. This will result in limited
programmability, as for example individual set-ups for
remote loop-back and local loop-back for each channel
are not possible, only a collective one. In this mode, all
BUS I/O pins are tri-stated or used as additional input
pins (ie. POL(3:1), CKLOCAL).
EPROM mode
The EPROM mode (UPSEL = 1) enables the device to
read its set-up from a memory device. An internal state
machine controls the access to the memory. All
addresses in the memory map are read, and the device
is set up according to the corresponding data. The
access time is scaled to interface with the
AMD
AM27C020 at lowest speed (250ns) specification.
The valid read addresse 0, 0xAA is used to check if a
memory device is actually attached to the device. If no
memory is attached, the bus interface reverts to the
default OFF mode. All other read addresses are not
valid. The bus interface pins used in EPROM mode are
defined in Table 10.
Pin
Dir
Description
CSB
O
Active low chip select/output enable
A(4:0)
O
Address output to EPROM
AD(7:0)
I
Data input from EPROM
Table 10: uP Bus Interface Pins for EPROM mode.
MULTIPLEXED mode
The MULTIPLEXED mode (UPSEL = 2) enables the
ACS4110 to interface with a microprocessor using a
combined multiplexed address/data bus. The bus
interface pins are defined in Table 11.
Pin
Dir
Description
CSB
I
Active low chip select
ALE
I
Address latch enable
RDB
I
Active low read enable
WRB
I
Active low write enable
AD(7:0)
IO
Address / Data bus
RDY
O
Ready
Table 11: uP Bus Interface Pins for MULTIPLEXED mode.
INTEL mode
The INTEL mode (UPSEL = 3) enables the ACS4110
to interface with a Intel 80x86 type microprocessor
bus. The bus interface pins used are defined in Table
12.
Pin
Dir
Description
CSB
I
Active low chip select
RDB
I
Active low read enable
WRB
I
Active low write enable
A(4:0)
I
Address bus
AD(7:0)
IO
Data bus
RDY
O
Ready
Table 12: uP Bus Interface Pins for INTEL mode.
MOTOROLA mode
The MOTOROLA mode (UPSEL = 4) enables the
ACS4110 to interface with a Motorola 680x0 type
microprocessor bus. The bus interface pins used are
defined in Table 13.
Pin
Dir
Description
CSB
I
Active low chip select
WRB
I
Read / write bar select
A(4:0)
I
Address bus
AD(7:0)
IO
Data bus
RDY
O
Active low data transfer
acknowledge (DTACK)
Table 13: uP Bus Interface Pins for MOTOROLA mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com